Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BST84 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BST84
Description  N-channel enhancement mode vertical D-MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BST84 Datasheet(HTML) 3 Page - NXP Semiconductors

  BST84 Datasheet HTML 1Page - NXP Semiconductors BST84 Datasheet HTML 2Page - NXP Semiconductors BST84 Datasheet HTML 3Page - NXP Semiconductors BST84 Datasheet HTML 4Page - NXP Semiconductors BST84 Datasheet HTML 5Page - NXP Semiconductors BST84 Datasheet HTML 6Page - NXP Semiconductors BST84 Datasheet HTML 7Page - NXP Semiconductors BST84 Datasheet HTML 8Page - NXP Semiconductors BST84 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
April 1995
3
Philips Semiconductors
Product specification
N-channel enhancement mode vertical
D-MOS transistor
BST84
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
THERMAL RESISTANCE
Note
1. Transistor mounted on a ceramic substrate with area of 2.5 cm2 and thickness of 0.7 mm.
Drain-source voltage
VDS
max.
200 V
Gate-source voltage (open drain)
±V
GSO
max.
20 V
Drain current (DC)
ID
max.
250 mA
Drain current (peak)
IDM
max.
800 mA
Total power dissipation up to Tamb = 25 °C (note 1)
Ptot
max.
1 W
Storage temperature range
Tstg
−65 to + 150 °C
Junction temperature
Tj
max.
150
°C
From junction to ambient (note 1)
Rth j-a
=
125 K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com