Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV224XC Datasheet(PDF) 52 Page - STMicroelectronics

Part # STV224XC
Description  I2C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV224XC Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STV224XC Datasheet HTML 48Page - STMicroelectronics STV224XC Datasheet HTML 49Page - STMicroelectronics STV224XC Datasheet HTML 50Page - STMicroelectronics STV224XC Datasheet HTML 51Page - STMicroelectronics STV224XC Datasheet HTML 52Page - STMicroelectronics STV224XC Datasheet HTML 53Page - STMicroelectronics STV224XC Datasheet HTML 54Page - STMicroelectronics STV224XC Datasheet HTML 55Page - STMicroelectronics STV224XC Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 76 page
background image
STV223XD/224XC - I²C BUS SPECIFICATION COMPATIBILITY
52/76
7 I²C BUS SPECIFICATION COMPATIBILITY
The
STV2236D,
2237D,
2238D,
2239D/
STV2246C, 2286C, 2247C, 2248C and 2249C I²C
bus specification is compatible between IC ver-
sion. However, some dedicated settings must be
used for the different versions. The following sec-
tions show the differences between the various
versions. An “X” means that the function is availa-
ble and can be set to “1” or “0”.
TQFP64
SDIP56
2238D
2239D
2237D
2236D
2248C
2249C
2247C
2246C
2286C
SAW Filter switch
WR06d4
X
X
X
X
00000
CVBSout2 on/off
WR0Fd6
X
X
X
X
00000
RGBext
WR0A d7,d6
XXX
XXXXX
01
L/L’ mode
WR01d5
X
0
0
0
X
0000
Positive/negative modulation
WR01 d4
X
0
0
0
X
0000
FM/AM output selection
WR04d5
X
0
0
0
X
0000
Bell Filter
WR11 d4-d0
X
X
00000
00000
X
X
00000
00000
00000
QSS/Intercarrier application
WR06d6
XXX
1
XXX
1
1
QSS and AM defeat
WR04 d6
XXX
1
XXX
1
1
AGC SIF time constant
WR06 d3&WR1E d4
XXX
00
XXXX
00
CVBSout amplitude
WR02 d4-d0
X
X
X
10000
XXXX
10000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com