Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV224XC Datasheet(PDF) 69 Page - STMicroelectronics

Part # STV224XC
Description  I2C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV224XC Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STV224XC Datasheet HTML 65Page - STMicroelectronics STV224XC Datasheet HTML 66Page - STMicroelectronics STV224XC Datasheet HTML 67Page - STMicroelectronics STV224XC Datasheet HTML 68Page - STMicroelectronics STV224XC Datasheet HTML 69Page - STMicroelectronics STV224XC Datasheet HTML 70Page - STMicroelectronics STV224XC Datasheet HTML 71Page - STMicroelectronics STV224XC Datasheet HTML 72Page - STMicroelectronics STV224XC Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 76 page
background image
STV223XD/224XC - INPUT/OUTPUT SCHEMATIC DIAGRAMS
69/76
Figure 36. STV2238D (TQFP64) (continued)
LFB/SSC
VCC1 (8 V) (Pin 59 - TQFP64)
VCC1 (8 V) (Pin 59 - TQFP64)
VCC1 (8 V) (Pin 59 - TQFP64)
VCCD (5 V)
VCCIF (5 V)
VCC2 (8 V)
VCC1 (8 V)
GNDD
GNDIF
GND1
GND2
GND1
GND1
GND1
GND1
GND1
GND1
GND1
VERT
GND1
GND1
GND1
GND1
62
HOUT 63
GND1
GND1
GND1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com