Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLRH4450 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLRH4450
Description  Resistor LED for 5 V Supply Voltage
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLRH4450 Datasheet(HTML) 1 Page - Vishay Siliconix

  TLRH4450 Datasheet HTML 1Page - Vishay Siliconix TLRH4450 Datasheet HTML 2Page - Vishay Siliconix TLRH4450 Datasheet HTML 3Page - Vishay Siliconix TLRH4450 Datasheet HTML 4Page - Vishay Siliconix TLRH4450 Datasheet HTML 5Page - Vishay Siliconix TLRH4450 Datasheet HTML 6Page - Vishay Siliconix TLRH4450 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TLR.445.
Vishay Telefunken
1 (7)
Rev. A1, 04-Feb-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83046
Resistor LED for 5 V Supply Voltage
Color
Type
Technology
Angle of Half Intensity
±ö
High efficiency red
TLRH4450
GaAsP on GaP
30
°
Yellow
TLRY4450
GaAsP on GaP
30
°
Green
TLRG4450
GaP on GaP
30
°
Description
These devices are developed for applications with 5 V
sources.
The TLR.445. series contains an integrated resistor for
current limiting in series with the LED chip. This allows
the lamp to be driven from a 5 V source without an
external current limiter.
Available colors are red, high efficiency red, yellow and
green. The luminous intensity of such an LED is
measured at constant voltage of 5 V.
These tinted diffused lamps provide a wide off-axis
viewing angle.
These
LEDs
are
intended
for
space
critical
applications such as portable sets, switches and oth-
ers which are driven from a 5 V source.
Features
D With current limiting resistor for 5 V
D TTL compatible
D Cost effective: save space and resistor cost
D Standard ø 3 mm (T-1) package
D Wide viewing angle
D Luminous intensity categorized
D Yellow and green color categorized
D Luminous intensity and color are measured at 5
V
94 8488
Applications
Status lights in portable applications
Status lights in space constrained applications
Background illumination for switches with 5 V source
Off / On indicator in switches with 5 V source


Similar Part No. - TLRH4450

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLRH440.CU VISHAY-TLRH440.CU Datasheet
129Kb / 9P
With current limiting resistor for 12 V
24-Apr-13
TLRH4400 VISHAY-TLRH4400 Datasheet
105Kb / 10P
Resistor LED for 12 V Supply Voltage
04-Feb-99
TLRH4400CU VISHAY-TLRH4400CU Datasheet
129Kb / 9P
With current limiting resistor for 12 V
24-Apr-13
TLRH4420 VISHAY-TLRH4420 Datasheet
107Kb / 9P
Resistor LED for 12 V Supply Voltage
04-Feb-99
TLRH4420CU VISHAY-TLRH4420CU Datasheet
1Mb / 8P
Resistor LED for 12 V Supply Voltage
24-Apr-13
More results

Similar Description - TLRH4450

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLRE4200 VISHAY-TLRE4200 Datasheet
70Kb / 5P
Resistor LED for 12 V Supply Voltage
04-Feb-99
TLRH4400 VISHAY-TLRH4400 Datasheet
105Kb / 10P
Resistor LED for 12 V Supply Voltage
04-Feb-99
TLRH4420 VISHAY-TLRH4420 Datasheet
107Kb / 9P
Resistor LED for 12 V Supply Voltage
04-Feb-99
TLRP4900 VISHAY-TLRP4900 Datasheet
71Kb / 5P
Resistor LED for 12 V Supply Voltage
04-Feb-99
TLRE4406 VISHAY-TLRE4406 Datasheet
135Kb / 5P
Resistor LED for 12 V Supply Voltage
21-Jun-04
logo
ATMEL Corporation
U2790B-MFP ATMEL-U2790B-MFP Datasheet
233Kb / 15P
Supply Voltage 5 V (Typically)
logo
Vishay Siliconix
TLRG4420CU VISHAY-TLRG4420CU Datasheet
1Mb / 8P
Resistor LED for 12 V Supply Voltage
24-Apr-13
logo
ATMEL Corporation
U2790B ATMEL-U2790B_02 Datasheet
233Kb / 15P
Supply Voltage 5 V (Typically)
logo
Vishay Siliconix
TLRE4200 VISHAY-TLRE4200_V01 Datasheet
522Kb / 5P
Resistor LED for 12 V Supply Voltage
24-Apr-13
TLRE4406 VISHAY-TLRE4406_V01 Datasheet
111Kb / 5P
Resistor LED for 12 V Supply Voltage
24-Apr-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com