Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLRH4450 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TLRH4450
Description  Resistor LED for 5 V Supply Voltage
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLRH4450 Datasheet(HTML) 2 Page - Vishay Siliconix

  TLRH4450 Datasheet HTML 1Page - Vishay Siliconix TLRH4450 Datasheet HTML 2Page - Vishay Siliconix TLRH4450 Datasheet HTML 3Page - Vishay Siliconix TLRH4450 Datasheet HTML 4Page - Vishay Siliconix TLRH4450 Datasheet HTML 5Page - Vishay Siliconix TLRH4450 Datasheet HTML 6Page - Vishay Siliconix TLRH4450 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TLR.445.
Vishay Telefunken
2 (7)
Rev. A1, 04-Feb-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83046
Absolute Maximum Ratings
Tamb = 25_C, unless otherwise specified
TLRH4450 ,TLRY4450 ,TLRG4450 ,
Parameter
Test Conditions
Symbol
Value
Unit
Reverse voltage
VR
6
V
Forward voltage
Tamb ≤ 65°C
VF
7.5
V
Power dissipation
Tamb ≤ 65°C
PV
240
mW
Junction temperature
Tj
100
°C
Storage temperature range
Tstg
–55 to +100
°C
Soldering temperature
t
≤ 5 s, 2 mm from body
Tsd
260
°C
Thermal resistance junction/ambient
RthJA
150
K/W
Optical and Electrical Characteristics
Tamb = 25_C, unless otherwise specified
High efficiency red (TLRH4450 )
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Luminous intensity
VF = 5 V
IV
1.6
4
mcd
Dominant wavelength
VF = 5 V
ld
612
625
nm
Peak wavelength
VF = 5 V
lp
635
nm
Angle of half intensity
VF = 5 V
ϕ
±30
deg
Forward current
VS = 5 V
IF
10
15
mA
Breakdown voltage
IR = 10 mA
VBR
6
20
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF
Yellow (TLRY4450 )
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Luminous intensity
VF = 5 V
IV
1.6
4
mcd
Dominant wavelength
VF = 5 V
ld
581
594
nm
Peak wavelength
VF = 5 V
lp
585
nm
Angle of half intensity
VF = 5 V
ϕ
±30
deg
Forward current
VS = 5 V
IF
10
15
mA
Breakdown voltage
IR = 10 mA
VBR
6
20
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF
Green (TLRG4450 )
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Luminous intensity
VF = 5 V
IV
1.6
4
mcd
Dominant wavelength
VF = 5 V
ld
562
575
nm
Peak wavelength
VF = 5 V
lp
565
nm
Angle of half intensity
VF = 5 V
ϕ
±30
deg
Forward current
VS = 5 V
IF
10
15
mA
Breakdown voltage
IR = 10 mA
VBR
6
20
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com