Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4AGSW1A Datasheet(PDF) 1 Page - Tyco Electronics

Part # MA4AGSW1A
Description  AlGaAs SPST Non-Reflective PIN Diode Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4AGSW1A Datasheet(HTML) 1 Page - Tyco Electronics

  MA4AGSW1A Datasheet HTML 1Page - Tyco Electronics MA4AGSW1A Datasheet HTML 2Page - Tyco Electronics MA4AGSW1A Datasheet HTML 3Page - Tyco Electronics MA4AGSW1A Datasheet HTML 4Page - Tyco Electronics MA4AGSW1A Datasheet HTML 5Page - Tyco Electronics MA4AGSW1A Datasheet HTML 6Page - Tyco Electronics MA4AGSW1A Datasheet HTML 7Page - Tyco Electronics MA4AGSW1A Datasheet HTML 8Page - Tyco Electronics MA4AGSW1A Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AlGaAs SPST Non-Reflective PIN Diode Switch
MA4AGSW1A
Rev 2.0
1
FEATURES
• Ultra Broad Bandwidth: 10 GHz to 50 GHz
• Functional Bandwidth: 100 MHz to 70 GHz
• 1.0 dB Insertion Loss, 35 dB Isolation at 50 GHz
• M/A-COM’s unique patent pending AlGaAs
hetero-junction anode technology.
• Silicon Nitride Passivation
• Polymide Scratch protection
DESCRIPTION
M/A-COM’s MA4AGSW1A is an Aluminum-Gallium
Arsenide anode enhanced, SPST Non-Reflective PIN diode
switch. AlGaAs anodes, which utilize M/A-COM’s patent
pending hetero-junction technology, produce less loss than
conventional GaAs processes, by as much as a 0.3 dB
reduction in insertion loss at 50 GHz. These devices are
fabricated on a OMCVD eptaxial wafer using a process
designed for high device uniformity and extremely low
parasitics. The diodes themselves exhibit lower series
resistance, lower capacitance, and faster switching speeds
than Silicon based devices. They are fully passivated with
silicon nitride and have an additional layer of a polymer for
scratch protection. The protective coating prevents damage to
the junction and the anode airbridges during handling. Off-
chip bias circuitry is required and allows for maximum
design flexibility.
APPLICATIONS
The output port of this device ( J2 ), is 50 Ω terminated
during Isolation mode, which allows this signal to be
absorbed rather than reflected back. This functionality makes
it ideal for instrumentation and radar applications. This
absorptive switch can be added to available reflective
AlGaAs switches to improve isolation VSWR and increase
isolation magnitude.
The ultra low capacitance of the PIN diodes makes it ideal for
usage in lower loss and higher isolation microwave and
millimeter wave switch designs through 70 GHz. The lower
series resistance of the AlGaAs diodes reduces the total
insertion loss and distortion of the devices. These AlGaAs
PIN switches are used as the switching arrays for radar
systems, radiometers, and other multi-function components.
MA4AGSW1A LAYOUT
ABSOLUTE MAXIMUM RATINGS
@TA = +25°C ( Unless otherwise specified )
Parameter
MAXIMUM RATING
Operating Temperature
-55
° TO +125°C
Storage Temperature
-65
°C TO +150°C
Junction Temperature
+175
°C
Assembly Temperature
+300
°C for < 10 sec
Incident C.W. RF Power
+23 dBm C.W.
Reverse Voltage
| - 25 V |
Forward Bias Current
+/-25 mA
Note: Exceeding ANY of these values may result in
permanent damage
Maximum Operating Conditions forCombination of
RF Power, D.C. Bias, and Temperature:
+ 23 dBm C.W. @ 10 mA ( per Diode ) @ + 85
°C.


Similar Part No. - MA4AGSW1A

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4AGSW1A MA-COM-MA4AGSW1A Datasheet
137Kb / 7P
SPST Non-Reflective AlGaAs PIN Diode Switch
MA4AGSW1A MA-COM-MA4AGSW1A Datasheet
177Kb / 7P
SPST Non-Reflective AlGaAs PIN Diode Switch
MA4AGSW1A MA-COM-MA4AGSW1A_15 Datasheet
593Kb / 8P
SPST Non-Reflective AlGaAs PIN Diode Switch
MA4AGSW1A_V5 MA-COM-MA4AGSW1A_V5 Datasheet
177Kb / 7P
SPST Non-Reflective AlGaAs PIN Diode Switch
More results

Similar Description - MA4AGSW1A

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4AGSW5 MACOM-MA4AGSW5 Datasheet
170Kb / 7P
AlGaAs SP5T Reflective PIN Diode Switch
MA4AGSW1 MACOM-MA4AGSW1 Datasheet
178Kb / 6P
AlGaAs SPST Reflective PIN Diode Switch
logo
M/A-COM Technology Solu...
MA4AGSW1 MA-COM-MA4AGSW1 Datasheet
136Kb / 7P
SPST Reflective AlGaAs PIN Diode Switch
MA4AGSW1A MA-COM-MA4AGSW1A Datasheet
137Kb / 7P
SPST Non-Reflective AlGaAs PIN Diode Switch
MA4AGSW1_V5 MA-COM-MA4AGSW1_V5 Datasheet
121Kb / 7P
SPST Reflective AlGaAs PIN Diode Switch
MA4AGSW1A_V5 MA-COM-MA4AGSW1A_V5 Datasheet
177Kb / 7P
SPST Non-Reflective AlGaAs PIN Diode Switch
logo
Alpha Industries
AS259M1-12 ALPHA-AS259M1-12 Datasheet
26Kb / 2P
GaAs IC SPST Non-Reflective Switch DC
logo
M/A-COM Technology Solu...
MA4AGSW1 MA-COM-MA4AGSW1_13 Datasheet
294Kb / 7P
SPST Reflective AlGaAs PIN Diode Switch RoHS Compliant
MA4AGSW1A MA-COM-MA4AGSW1A_15 Datasheet
593Kb / 8P
SPST Non-Reflective AlGaAs PIN Diode Switch
logo
Custom MMIC Design Serv...
CMD204 MMIC-CMD204 Datasheet
234Kb / 9P
DC-20 GHz SPST Non-reflective Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com