Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4AGSW1A Datasheet(PDF) 2 Page - Tyco Electronics

Part # MA4AGSW1A
Description  AlGaAs SPST Non-Reflective PIN Diode Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4AGSW1A Datasheet(HTML) 2 Page - Tyco Electronics

  MA4AGSW1A Datasheet HTML 1Page - Tyco Electronics MA4AGSW1A Datasheet HTML 2Page - Tyco Electronics MA4AGSW1A Datasheet HTML 3Page - Tyco Electronics MA4AGSW1A Datasheet HTML 4Page - Tyco Electronics MA4AGSW1A Datasheet HTML 5Page - Tyco Electronics MA4AGSW1A Datasheet HTML 6Page - Tyco Electronics MA4AGSW1A Datasheet HTML 7Page - Tyco Electronics MA4AGSW1A Datasheet HTML 8Page - Tyco Electronics MA4AGSW1A Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AlGaAs SPST Non-Reflective PIN Diode Switch
Rev 2.0
MA4AGSW1A
2
Electrical Specifications @ 25 ° C (On Wafer Measurements )
Frequency Range = 10 – 50 GHz
Parameter
Ports
Bias Conditions
Specification
Comments
Insertion Loss
J1 – J2
D.C. Bias 1 =
-1.35 V @ -10 mA
D.C. Bias B =
-1.35 V @ 0 mA
1.2 dB
Typical
Value at 50 GHz
Input Return Loss
J1
( Terminate J2
into 50Ω )
D.C. Bias 1 =
-1.35 V @ -10 mA
D.C. Bias B =
-1.35 V @ 0 mA
15 dB
Typical
Value at 50 GHz
In Insertion Loss
State
Output Return Loss
( Insertion Loss )
J2
(Terminate J1
into 50Ω )
D.C. Bias 1 =
-1.35 V @ -10 mA
D.C. Bias B =
-1.35 V @ 0 mA
18 dB
Typical
Value at 50 GHz
In Insertion Loss
State
Output Return Loss
( Isolation )
J2
D.C. Bias 1 =
+1.35 V @ +10 mA
D.C. Bias B =
+1.35 V @ +10 mA
18 dB
Typical
Value at 50 GHz
In Isolation State
Isolation
J1 – J2
D.C. Bias 1 =
+1.35 V @ +10 mA
D.C. Bias B =
+1.35 V @ +10 mA
30 dB
Typical
Value at 50 GHz
Switching Speed
( 10 % - 90 % RF
Voltage )
J1 – J2
+/- 5V PIN Diode TTL
Driver @ 1 MHz Rep
Rate
10 nS
Typical
Value at 10 GHz
Notes:
1. “ D.C. Bias 1” and “ D.C. Bias B ” Nodes can be connected together.
Error!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com