Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB5321 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CDB5321
Description  Evaluation Board
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5321 Datasheet(HTML) 5 Page - Cirrus Logic

  CDB5321 Datasheet HTML 1Page - Cirrus Logic CDB5321 Datasheet HTML 2Page - Cirrus Logic CDB5321 Datasheet HTML 3Page - Cirrus Logic CDB5321 Datasheet HTML 4Page - Cirrus Logic CDB5321 Datasheet HTML 5Page - Cirrus Logic CDB5321 Datasheet HTML 6Page - Cirrus Logic CDB5321 Datasheet HTML 7Page - Cirrus Logic CDB5321 Datasheet HTML 8Page - Cirrus Logic CDB5321 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Figure 4. CS5322 Filter Interface
+5V
3
22
25
27
28
1
23
19
18
17
16
15
14
13
12
11
4
2
0.1
TP
100 k
RESET
5 k
DRDY
ORCAL
DECA
DECB
DECC
USEOR
PWDN
CSEL
TDATA
RST
SYNC
H/S
SID
RSEL
CS
ERROR
SCLK
SOD
26
24
+5V
47k
SIPS
+5V
R/W
0.1
µF
CLKIN
(From Figure 3)
SYNC
5K
+5VD
J3
J1
SID
RSEL
CS
ERR
R/W
ORCAL
USEOR
DECA
DECB
DECC
PWDN
CSEL
TDATA
H/S
DRDY
SCLK
SOD
To
Figure
5,6
4
3
12
U3A
U3B
C34
JP13
SW3
SW4
SCLK
100 k
R13
R12
R14
R11
0.1
µF
VD1+ DGND VD2+ DGND
CLKIN
DRDY
8
9
21
20
0.1
µF
MSYNC
MCLK
MDATA
MFLG
5
7
10
6
CS5322
ORCAL
DECA
DECB
DECC
USEOR
PWDN
CSEL
TDATA
RESET
SYNC
H/S
SID
RSEL
CS
ERROR
SCLK
SOD
+5V
R/W
To
Figure
2
C9
C8
CLKIN
U1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com