Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB5321 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CDB5321
Description  Evaluation Board
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5321 Datasheet(HTML) 1 Page - Cirrus Logic

  CDB5321 Datasheet HTML 1Page - Cirrus Logic CDB5321 Datasheet HTML 2Page - Cirrus Logic CDB5321 Datasheet HTML 3Page - Cirrus Logic CDB5321 Datasheet HTML 4Page - Cirrus Logic CDB5321 Datasheet HTML 5Page - Cirrus Logic CDB5321 Datasheet HTML 6Page - Cirrus Logic CDB5321 Datasheet HTML 7Page - Cirrus Logic CDB5321 Datasheet HTML 8Page - Cirrus Logic CDB5321 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
15
Copyright
© Cirrus Logic, Inc. 1998
(All Rights Reserved)
Cirrus Logic, Inc.
Crystal Semiconductor Products Division
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.crystal.com
CDB5321
Evaluation Board for CS5321 and CS5322
Features
l DIP switch control of all CS5322 logic pins
l Header control of all CS5322 logic pins
l Supports manual operation of RESET and
SYNC
Description
The CDB5321 is an evaluation board that allows labora-
tory characterization of the CS5321/CS5322 A/D
converter chip-set. The chip-set supports seven different
selectable word rates: 4 kHz, 2 kHz, 1 kHz, 500 Hz
250 Hz, 125 Hz and 62.5 Hz. Input to the board is 9 volts
peak-to-peak. Output is via header connections to the
CS5322 serial interface.
ORDERING INFORMATION
CDB5321
Evaluation Board
I
Reference
Circuitry
CS5321
Headers
+5V
+5V Digital
+5V
DGND
-5V Analog
AGND
-15V
+15V
+5V Analog
AIN
SYNC
+5V
Regulator
-5V
Regulator
VREF+
AIN+
AINR
MSYNC
MCLK
MDATA
MFLG
MSYNC
MCLK
MDATA
MFLG
CS5322
DIP Switch
Selections
2.048 MHz
Oscillator/
Divider
CLKIN
8
+5V
RESET
9
DIP Switch
Selections
MAR ‘95
DS88DB2


Similar Part No. - CDB5321

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB5330A CIRRUS-CDB5330A Datasheet
666Kb / 14P
Evaluation Board
CDB5331A CIRRUS-CDB5331A Datasheet
666Kb / 14P
Evaluation Board
CDB5333 CIRRUS-CDB5333 Datasheet
375Kb / 20P
24-Bit, 96 kHz Stereo A/D Converter?
CDB5334 CIRRUS-CDB5334 Datasheet
749Kb / 18P
Evaluation Board
CDB5335 CIRRUS-CDB5335 Datasheet
749Kb / 18P
Evaluation Board
More results

Similar Description - CDB5321

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
Evaluation Board
logo
Cirrus Logic
CDB5466U CIRRUS-CDB5466U Datasheet
1Mb / 21P
Evaluation Board
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
Evaluation Board
logo
Asahi Kasei Microsystem...
AK4116-B AKM-AK4116-B Datasheet
258Kb / 19P
Evaluation Board
AK4181A AKM-AK4181A Datasheet
234Kb / 17P
Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com