Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44130 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS44130
Description  60 W Quad Half-Bridge Digital Amplifier Power Stage
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44130 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS44130 Datasheet HTML 9Page - Cirrus Logic CS44130 Datasheet HTML 10Page - Cirrus Logic CS44130 Datasheet HTML 11Page - Cirrus Logic CS44130 Datasheet HTML 12Page - Cirrus Logic CS44130 Datasheet HTML 13Page - Cirrus Logic CS44130 Datasheet HTML 14Page - Cirrus Logic CS44130 Datasheet HTML 15Page - Cirrus Logic CS44130 Datasheet HTML 16Page - Cirrus Logic CS44130 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
DS690PP1
13
CS44130
VD
VP
VP
OUT1
PGND
VP
VP
OUT2
PGND
0.1
µF
470
µF
VP
OUT3
PGND
VP
OUT4
PGND
0.1
µF
VD VD
VD
VD
VL
GND GND GND GND GND
0.1
µF
0.1
µF
Output
Filter
Output
Filter
VD (+3.3 V or +5.0 V)
0.1
µF
VL (+2.5 V, +3.3 V, or +5.0 V)
0.1
µF (X5)
0.1
µF
47 µF
IN1
IN2
IN3
ERROC1/2
60K
RST3/4
RST1/2
IN4
ERROC3/4
M1
M2
M3
ERRUVTE
LVD
RAMP
OCREF
Hardware
Control
Settings
System
Control
Logic
TWR
PWM1+
PWM3+
PWM2+
PWM4+
Figure 4. Typical Connection Diagram - Mono Parallel Full-Bridge
CS44130
VP (+10.8 V to +21 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com