Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44130 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS44130
Description  60 W Quad Half-Bridge Digital Amplifier Power Stage
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44130 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS44130 Datasheet HTML 15Page - Cirrus Logic CS44130 Datasheet HTML 16Page - Cirrus Logic CS44130 Datasheet HTML 17Page - Cirrus Logic CS44130 Datasheet HTML 18Page - Cirrus Logic CS44130 Datasheet HTML 19Page - Cirrus Logic CS44130 Datasheet HTML 20Page - Cirrus Logic CS44130 Datasheet HTML 21Page - Cirrus Logic CS44130 Datasheet HTML 22Page - Cirrus Logic CS44130 Datasheet HTML 23Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
DS690PP1
21
CS44130
8. PACKAGE DIMENSIONS
Notes:
1. Dimensioning and tolerance per ASME Y4.5M - 1994.
2. Dimensioning lead width applies to the plated terminal and is measured between 0.20 mm and 0.25 mm
from the terminal tip.
INCHES
MILLIMETERS
NOT
E
DIM
MIN
NOM
MAX
MIN
NOM
MAX
A
--
--
0.0354
--
--
0.90
1
A1
0.0000
--
0.0020
0.00
--
0.05
1
b
0.0118
0.0138
0.0157
0.30
0.35
0.40
1,2
D
0.3543 BSC
9.00 BSC
1
D2
0.2618
0.2677
0.2736
6.65
6.80
6.95
1
E
0.3543 BSC
9.00 BSC
1
E2
0.2618
0.2677
0.2736
6.65
6.80
6.95
1
e
0.0256 BSC
0.65 BSC
1
L
0.0177
0.0217
0.0276
0.45
0.55
0.70
1
JEDEC #: MO-220
Controlling Dimension is Millimeters.
Side View
A1
Bottom View
Top View
A
Pin #1 ID
D
E
D2
L
b
e
Pin #1 ID
E2
48L QFN (9
× 9 MM BODY) PACKAGE DRAWING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com