Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP3101 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IP3101
Description  Versatile Gate Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IP3101 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IP3101 Datasheet HTML 1Page - List of Unclassifed Manufacturers IP3101 Datasheet HTML 2Page - List of Unclassifed Manufacturers IP3101 Datasheet HTML 3Page - List of Unclassifed Manufacturers IP3101 Datasheet HTML 4Page - List of Unclassifed Manufacturers IP3101 Datasheet HTML 5Page - List of Unclassifed Manufacturers IP3101 Datasheet HTML 6Page - List of Unclassifed Manufacturers IP3101 Datasheet HTML 7Page - List of Unclassifed Manufacturers IP3101 Datasheet HTML 8Page - List of Unclassifed Manufacturers IP3101 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IP3101
September. 2003
- 2 -
http://www.interpionsemi.com
Versatile Gate Driver
NO
SYMBOL
I/O
DESCRIPTION
1
PHT
I
Preheating Time & Soft-start Time Control Pin with Capacitor
2
CT
I
Internal Oscillator Timing Control Pin with Capacitor
3
RT
I
Internal Oscillator Timing Control Pin with Resister
4
PHF
I
Preheating Frequency & Soft-Start Frequency Control Pin with Resister
5
GND
-
Ground
6
LO
O
Low Side Gate Drive Output
7
HO
O
High Side Gate Drive Output
8
VCC
-
Supply Voltage
PIN DESCRIPTIONS
PIN CONNECTIONS
CHARACTERISTICS
SYMBOL
VALUE
UNIT
Maximum Supply Voltage
VCCMAX
30
V
Maximum Operating Supply Voltage
VOPMAX
24
V
Totem-pole Output Peak Current
IPEAK
300
+mA
Power Dissipation(8DIP)
Pd
800
mW
PIN1,2,3,4 Voltage
VIN
-0.4 ~ 6
V
Output Clamp Diode Current
ICLAMP
30
mA
Operating Junction Temperature
Tj
-25 ~ +125
°C
Storage Temperature
Tstg
-65 ~ 150
°C
ABSOLUTE MAXIMUM RATINGS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com