Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP3101 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IP3101
Description  Versatile Gate Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IP3101 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IP3101 Datasheet HTML 1Page - List of Unclassifed Manufacturers IP3101 Datasheet HTML 2Page - List of Unclassifed Manufacturers IP3101 Datasheet HTML 3Page - List of Unclassifed Manufacturers IP3101 Datasheet HTML 4Page - List of Unclassifed Manufacturers IP3101 Datasheet HTML 5Page - List of Unclassifed Manufacturers IP3101 Datasheet HTML 6Page - List of Unclassifed Manufacturers IP3101 Datasheet HTML 7Page - List of Unclassifed Manufacturers IP3101 Datasheet HTML 8Page - List of Unclassifed Manufacturers IP3101 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IP3101
September. 2003
- 1 -
http://www.interpionsemi.com
Versatile Gate Driver
The IP3101 provides simple and high performance
control functions for the half bridge L/C resonant sys-
tem, specially electronic ballast . It internally inte-
grated the essential functions of the half bridge L/C
resonant system so the conventional system can be
realized a minimum board area, small external com-
ponents and low power dissipation.
Internally integrated soft-start circuit eliminated the
need for external soft-start circuit. And the initial pre-
heating switching frequency and preheating time can
be easily programmable with only one capacitor
(preheating frequency capacitor) and one resistor
(preheating time capacitor) depending on the types of
lamps. Also the normal operating frequency can be
easily adjusted by timing resistor (Rt) and timing ca-
pacitor (Ct).
The cold cathode current can be limited by changing
the normal operating frequency to soft-start frequency
with an external small signal transistor. No lamp pro-
tection or any required protection like over current
protection can be realized by adding an external
small signal transistor.
- Internal Soft Start
- Programmable Soft Start Frequency
- Programmable Preheating Time
- Very Precision Internal Operating Frequency(+5%)
- No Lamp Protection or Over Current Protection
- Precision Internal Reference Voltage
- 8DIP, 8SOP Packages
Device
Package
Operating Temp
IP3101
8DIP
I3101
8SOP
-25
°C ~ 125°C
DESCRIPTIONS
BLOCK DIAGRAM
ORDER INFORMATIONS
FEATURES
8SOP
8DIP
Vcc
Vcc
OUTPUT
LOGIC
OSCILLATOR
Shutdown
UVLO
(10V/8V)
6
7
8
Pre-Heat
Oscillator
Reference
Output
UVLO
5
1
4
3
I(CT)
I(CT)=I(RT)+I(PHF)
Ichg
Idis
I(RT)
I(PHF)
PHF
RT
2
CT
PHT
GND
LO
HO
VCC
Voltage
Reference
(Vz,Vref)
Vz
Ipht
Iss
1.0V
Protection
Comparator
Delay Timer
OSC, PHT,
HO,LO
Iss
1.5V


Similar Part No. - IP3101

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
IP31 BEL-IP31 Datasheet
3Mb / 7P
IP68 Waterproof Connectors and Adapters
logo
List of Unclassifed Man...
IP314 ETC2-IP314 Datasheet
1Mb / 2P
Integrated VGA(GMA3100), CRT suppor
logo
Seme LAB
IP317 SEME-LAB-IP317 Datasheet
42Kb / 4P
1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR FOR HI-REL APPLICATIONS
IP317A SEME-LAB-IP317A Datasheet
42Kb / 4P
1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR FOR HI-REL APPLICATIONS
IP317AHVK SEME-LAB-IP317AHVK Datasheet
301Kb / 7P
POSITIVE ADJUSTABLE VOLTAGE REGULATOR
More results

Similar Description - IP3101

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-0501 HP-HFBR-0501 Datasheet
438Kb / 19P
Versatile Link The Versatile Fiber Optic Connection
logo
Holtek Semiconductor In...
HT45B0C HOLTEK-HT45B0C Datasheet
114Kb / 10P
MOSFET Gate Driver
December 21, 2006
logo
Powerex Power Semicondu...
M57160AL-01 POWEREX-M57160AL-01 Datasheet
86Kb / 6P
Gate Driver
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0501 AVAGO-HFBR-0501 Datasheet
195Kb / 19P
Versatile Link The Versatile Fiber Optic Connection
HFBR-2521ETZ AVAGO-HFBR-2521ETZ Datasheet
249Kb / 16P
Versatile Link The Versatile Fiber Optic Connection
logo
Diodes Incorporated
ZXLD1374_V1 DIODES-ZXLD1374_V1 Datasheet
218Kb / 2P
Versatile LED driver increases reliability of high brightness lamps
2002/95/EC Annex Notes
logo
Powerex Power Semicondu...
M57161L-01 POWEREX-M57161L-01 Datasheet
263Kb / 7P
Gate Driver
M57959L POWEREX-M57959L Datasheet
36Kb / 2P
Gate Driver
M57962 POWEREX-M57962 Datasheet
36Kb / 2P
Gate Driver
M57962CL-01 POWEREX-M57962CL-01 Datasheet
62Kb / 4P
Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com