Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1374_V1 Datasheet (PDF) - Diodes Incorporated

ZXLD1374_V1 Datasheet PDF - Diodes Incorporated
Part # ZXLD1374_V1
Download  ZXLD1374_V1 Download
File Size   218.73 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description Versatile LED driver increases reliability of high brightness lamps

ZXLD1374_V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXLD1374_V1 Datasheet PDF - Diodes Incorporated

Part # ZXLD1374_V1
Download  ZXLD1374_V1 Click to download

File Size   218.73 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description Versatile LED driver increases reliability of high brightness lamps

ZXLD1374_V1 Datasheet (HTML) - Diodes Incorporated


ZXLD1374_V1 Product details

Versatile LED driver increases reliability of high brightness lamps

The ZXLD1374 is a high accuracy 1.5A LED driver that can be used as a
▪ Buck converter
▪ Boost converter
▪ Buck-Boost converter.
The device can drive up to 16 LEDs in series from a voltage source of 6.5V to 60V. Series connection of the LED provides identical LED currents resulting in uniform brightness and eliminates the need for ballast resistors.
The ZXLD1374 switches at frequencies up to 1MHz, which allows the use of small size external components. This coupled with small footprint TSSOP-20EP reduces the required PCB area.

The Diodes advantage
The ZXLD1374 provide simple high reliability solution for driving multiple extremely high brightness LEDs in multiple topologies
◾ High accuracy LED control: 1% reference tolerance
   Better brightness control and matching between lamps
◾ Multi-topology device
   1 device can be used in buck lighting, boost light and buck-boost lighting apps
◾ LED thermal management via external thermistor
   Improves reliability of LED lamps
◾ Separate 1000:1 PWM dimming capability
   Improves dynamic range of dimming at lower light levels
◾ Switching frequency up to 1MHz
   Reduces value of inductor reducing size of solution
◾ Two- pin diagnostic feedback pins
   Reports back to system the state of LED driver and load can be used to increase reliability of overall system

Circuit functions
◾ Buck driving of 3W and 1W LEDs
◾ Boost and Buck-boost driving of 1W LEDs
◾ Constant Current Source

Typical Application:
   Buck-Boost LED driver




Similar Part No. - ZXLD1374_V1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1374EST20TC DIODES-ZXLD1374EST20TC Datasheet
733Kb / 35P
60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST LED DRIVER CONVERTER
DS35032 Rev. 1 - 2
ZXLD1374EST20TC DIODES-ZXLD1374EST20TC Datasheet
844Kb / 37P
60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST
Rev 2
ZXLD1374 DIODES-ZXLD1374_11 Datasheet
844Kb / 37P
60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST
Rev 2
More results


Similar Description - ZXLD1374_V1

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MOB51CRAH MICRO-ELECTRONICS-MOB51CRAH Datasheet
47Kb / 1P
ULTRA HIGH BRIGHTNESS ORANGE LED LAMPS
MSB34XA MICRO-ELECTRONICS-MSB34XA Datasheet
102Kb / 2P
3mm CYLINDRIC HIGH BRIGHTNESS LED LAMPS
logo
Princeton Technology Co...
PT6903 PTC-PT6903 Datasheet
233Kb / 4P
High Brightness LED Driver
PT6905 PTC-PT6905 Datasheet
358Kb / 4P
High Brightness LED Driver
PT6903 PTC-PT6903_10 Datasheet
233Kb / 4P
High Brightness LED Driver
logo
Gamma Microelectronics ...
GM9910B GAMMA-GM9910B Datasheet
192Kb / 8P
UNIVERAL HIGH BRIGHTNESS LED DRIVER
logo
Bruckewell Technology L...
BW9910 BWTECH-BW9910 Datasheet
1Mb / 14P
High Brightness LED Driver
logo
Diodes Incorporated
ZXLD1370_V1 DIODES-ZXLD1370_V1 Datasheet
238Kb / 2P
Versatile LED driver increases reliability of high brightness lamps
logo
Microchip Technology
HV9910V MICROCHIP-HV9910V Datasheet
375Kb / 15P
Universal High-Brightness LED Driver
01/27/15
logo
Richtek Technology Corp...
RT8471 RICHTEK-RT8471 Datasheet
237Kb / 15P
Hysteretic, High Brightness LED Driver
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com