Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFF120 Datasheet(PDF) 1 Page - GE Solid State

Part # IRFF120
Description  N-Channel Enhancement-Mode Power MOS Field-Effect Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GESS [GE Solid State]
Direct Link  
Logo GESS - GE Solid State

IRFF120 Datasheet(HTML) 1 Page - GE Solid State

  IRFF120 Datasheet HTML 1Page - GE Solid State IRFF120 Datasheet HTML 2Page - GE Solid State IRFF120 Datasheet HTML 3Page - GE Solid State IRFF120 Datasheet HTML 4Page - GE Solid State IRFF120 Datasheet HTML 5Page - GE Solid State  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image


Similar Part No. - IRFF120

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFF120 INTERSIL-IRFF120 Datasheet
325Kb / 7P
6.0A, 100V, 0.300 Ohm, N-Channel Power MOSFET
March 1999
logo
International Rectifier
IRFF120 IRF-IRFF120 Datasheet
131Kb / 7P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS THRU-HOLE (TO-205AF)
logo
New Jersey Semi-Conduct...
IRFF120 NJSEMI-IRFF120 Datasheet
156Kb / 3P
6.0A, 100V, 0.300 Ohm, N-Channel Power MOSFET
More results

Similar Description - IRFF120

ManufacturerPart #DatasheetDescription
logo
GE Solid State
IRFF130 GESS-IRFF130 Datasheet
161Kb / 5P
N-CHANNEL ENHANCEMENT-MODE POWER FIELD-EFFECT TRANSISTORS
logo
List of Unclassifed Man...
RFH35N08 ETC1-RFH35N08 Datasheet
217Kb / 4P
POWER MOS FIELD - EFFECT TRANSISTORS N - CHANNEL ENHANCEMENT - MODE POWER FIELD - EFFECT TRANSISTORS
RFK35N08 ETC1-RFK35N08 Datasheet
220Kb / 4P
POWER MOS FIELD - EFFECT TRANSISTORS, N - CHANNEL ENHANCEMENT - MODE POWER FIELD - EFFECT TRANSISTORS
logo
New Jersey Semi-Conduct...
BUZ45 NJSEMI-BUZ45 Datasheet
98Kb / 2P
N-Channel Enhancement-Mode Power Field-Effect Transistors
2N6763 NJSEMI-2N6763 Datasheet
93Kb / 2P
N-Channel Enhancement-Mode Power MOS Field-Effect Transistors
RFP15N12 NJSEMI-RFP15N12 Datasheet
87Kb / 2P
N-Channel Enhancement-Mode Power Field-Effect Transistors
RFP10N12 NJSEMI-RFP10N12 Datasheet
89Kb / 2P
N-Channel Enhancement-Mode Power Field-Effect Transistors
RFM15N12 NJSEMI-RFM15N12 Datasheet
87Kb / 2P
N-Channel Enhancement-Mode Power Field-Effect Transistors
RFM10N12 NJSEMI-RFM10N12 Datasheet
89Kb / 2P
N-Channel Enhancement-Mode Power Field-Effect Transistors
RFP12N18 NJSEMI-RFP12N18 Datasheet
73Kb / 2P
N-Channel Enhancement Mode Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com