Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAS209 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FAS209
Description  Fast Architecture SCSI
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FAS209 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FAS209 Datasheet HTML 1Page - List of Unclassifed Manufacturers FAS209 Datasheet HTML 2Page - List of Unclassifed Manufacturers FAS209 Datasheet HTML 3Page - List of Unclassifed Manufacturers FAS209 Datasheet HTML 4Page - List of Unclassifed Manufacturers FAS209 Datasheet HTML 5Page - List of Unclassifed Manufacturers FAS209 Datasheet HTML 6Page - List of Unclassifed Manufacturers FAS209 Datasheet HTML 7Page - List of Unclassifed Manufacturers FAS209 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
FAS209
53209-580-00 C
QLogic Corporation
FAS209 bus configuration is selected by pulling the
MODE pin up or down, as shown in table 1.
Microprocessor Interface
Microprocessor interface to the FAS209 occurs over the
PAD bus or the DB bus. Both interfaces allow the
microprocessor to read and write to all the internal chip
registers, including the FIFO.
In single-bus mode (bus configuration mode 0), the
PAD bus is not used and the microprocessor must arbitrate
with other controllers for use of the DB bus. In split-bus
mode (bus configuration mode 1), the PAD bus is dedicated
to the microprocessor interface.
Pins that support the microprocessor and DMA
interfaces and other chip operations are shown in figure 2.
DMA Interface
All FAS209 DMA activity occurs over the DB bus. The
path is eight bits wide. The DB bus consists of the data
parity pin DBP0 and data pins DB7-0. Data is transferred
on DB7-0 on writes to and reads from the SCSI bus.
DACK must be active during DMA accesses. The
transfer direction is determined by the type of command
executed by the chip. DBWR strobes data into the chip.
DMA read data is driven by the chip when DACK is true.
Packaging
The FAS209 is available in a 64-pin plastic quad flat
pack (PQFP), part number 2405055; and a thin quad flat
pack (TQPF), part number 2405095. The pin diagrams are
shown in figures 2 and 4. Package dimensions are shown
in figures 3 and 5. The FAS209 pins that support
microprocessor interfaces and other chip operations are
shown in figure 6.
Table 1. Bus Modes
Mode
No.
MODE
Pin
Register
Data
DMA
Data
Configuration
0
0
DB bus
DB bus
Single bus, 8-bit
DMA
1
1
PAD bus
DB bus
Split bus, 8-bit
DMA
TRANSFER COUNT
SCSI DATA
SCSI CONTROL
DB BUS
PAD BUS
TRANSFER COUNTER
CLK CONVERSION
TEST
CONFIGURATION
SELECT/RESELECT
BUS ID
SELECT/RESELECT
TIMEOUT
SYNC OFFSET/
SYNC ASSERT/
SYNC DE-ASSERT
SYNC PERIOD
COMMAND
INTERRUPT
STATUS
SEQUENCE STEP
FIFO
SEQUENCERS
Figure 1. FAS209 Block Diagram



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com