Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAS209 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FAS209
Description  Fast Architecture SCSI
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FAS209 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FAS209 Datasheet HTML 1Page - List of Unclassifed Manufacturers FAS209 Datasheet HTML 2Page - List of Unclassifed Manufacturers FAS209 Datasheet HTML 3Page - List of Unclassifed Manufacturers FAS209 Datasheet HTML 4Page - List of Unclassifed Manufacturers FAS209 Datasheet HTML 5Page - List of Unclassifed Manufacturers FAS209 Datasheet HTML 6Page - List of Unclassifed Manufacturers FAS209 Datasheet HTML 7Page - List of Unclassifed Manufacturers FAS209 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
53209-580-00 C
FAS209
1
Features
s
Compliance with ANSI SCSI-2 standard
X3.131-1994 and SCSI-1
s
Compliance with ANSI X3T10/855D SCSI-3
parallel interface (SPI) standard
s
Compliance with ANSI SCSI configured
automatically (SCAM) protocol levels 1 and 2
s
Synchronous data transfers up to 10 Mbytes/sec fast
SCSI and 5 Mbytes/sec normal SCSI
s
Asynchronous data transfers up to 7 Mbytes/sec
s
Up to 12 Mbytes/sec DMA burst transfer rate
s
Clock rates up to 40 MHz
s
Supports hot plugging
s
Programmable active negation
s
Low-input capacitance
s
Programmable split-bus architecture
s
DMA interface options
s
Two bus configurations
s
On-chip, 48-mA, single-ended drivers and receivers
s
Parity pass-through on FIFO data
s
Initiator and target roles
s
SCSI sequences implemented without
microprocessor intervention
s
Part-unique ID code
s
Eight-bit, single-ended SCSI operations
Product Description
The FAS209 is a high-performance SCSI interface chip
designed to maximize transfer rates over the SCSI bus. It
is the enhanced SCSI follow-on to QLogic’s FAS216 SCSI
processor chip, adding active negation and SCAM to the
FAS216 design. The FAS209 supports bidirectional,
single-ended SCSI operations. The block diagram of the
FAS209 is illustrated in figure 1.
The FAS209 maximizes transfer rates by sustaining
asynchronous data rates of up to 7 Mbytes/sec and fast,
synchronous data transfer rates of 10 Mbytes/sec. The
normal 5 Mbytes/sec synchronous transfer rate is also
supported. With its on-chip, 48-mA, single-ended drivers
and receivers, the FAS209 can connect directly to the SCSI
bus, minimizing board space requirements. The FAS209’s
highly integrated structure provides users with numerous
benefits.
Initiator and target roles are supported; therefore, the
FAS209 can be used in both host adapter and peripheral
applications. The FAS209 performs such functions as bus
arbitration, selection of a target, or reselection of an
initiator. It handles message, command, status, and data
transfer between the SCSI bus and the chip’s 16-byte
internal FIFO or a buffer memory. The above functions are
internal processes performed by the FAS209 chip without
microprocessor intervention.
SCAM Implementation
The FAS209 supports levels 1 and 2 of the SCAM
protocol. (Refer to the latest revision of X3T10/855D,
Annex B.) The SCAM protocol requires direct access and
control over the SCSI data bus and several of the SCSI
phase and control signals. The majority of the SCAM
protocol can be implemented in firmware at
microprocessor speeds. The following SCAM features are
supported in the hardware:
s
Arbitration without an ID
s
Slow response to selection with an unconfirmed ID
s
Detection of and response to SCAM selection
Bus Configuration
The FAS209 split-bus architecture separates the two
high-traffic information buses of the system, providing
maximum efficiency and throughput. The versatile bus
architecture supports various microprocessor and DMA
bus configurations, including those listed below:
s
Microprocessor interface via the PAD bus or the DB
bus
s
Concurrent microprocessor and DMA accesses
s
PAD bus selectable as a data-only bus
QLogic Corporation
FAS209 Fast Architecture SCSI
Data Sheet


Similar Part No. - FAS209

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FAS216 ETC1-FAS216 Datasheet
49Kb / 8P
Fast Architecture SCSI Processor
FAS216U ETC1-FAS216U Datasheet
49Kb / 8P
Fast Architecture SCSI Processor
FAS236 ETC1-FAS236 Datasheet
49Kb / 8P
Fast Architecture SCSI Processor
FAS236U ETC1-FAS236U Datasheet
49Kb / 8P
Fast Architecture SCSI Processor
FAS2700 ETC-FAS2700 Datasheet
383Kb / 4P
NetApp FAS2700 Series Hybrid Storage Systems Simplify your storage with leading data management
More results

Similar Description - FAS209

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS21T05 DALLAS-DS21T05 Datasheet
99Kb / 7P
SCSI Terminator
logo
fujitsu semiconductor
MB86606A FUJITSU-MB86606A Datasheet
605Kb / 64P
FAST-20 SCSI Protocol Controller
logo
Integrated Circuit Syst...
MK1449B ICST-MK1449B Datasheet
60Kb / 4P
Sound/SCSIFast Ethernet Clock
Revision 120799
logo
Dallas Semiconductor
DS2114 DALLAS-DS2114 Datasheet
71Kb / 6P
SCSI Terminator
logo
Hynix Semiconductor
GM82C700 HYNIX-GM82C700 Datasheet
3Mb / 45P
FAST SCSI-2 HOST ADAPTER
logo
List of Unclassifed Man...
FAS216 ETC1-FAS216 Datasheet
49Kb / 8P
Fast Architecture SCSI Processor
8AL050S-325F1-AN ETC2-8AL050S-325F1-AN Datasheet
128Kb / 3P
SCSI CONNECTORS
logo
Assmann Electronics Inc...
AK545-2-R ASSMANN-AK545-2-R Datasheet
273Kb / 1P
CABLE SCSI 1-SCSI 2 UL2990
logo
Maxim Integrated Produc...
DS21T07 MAXIM-DS21T07 Datasheet
107Kb / 7P
SCSI Terminator
112099
DS2114 MAXIM-DS2114 Datasheet
76Kb / 6P
SCSI Terminator
070198
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com