Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS781 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # FS781
Description  Low EMI Spectrum Spread Clock
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FS781 Datasheet(HTML) 5 Page - Cypress Semiconductor

  FS781 Datasheet HTML 1Page - Cypress Semiconductor FS781 Datasheet HTML 2Page - Cypress Semiconductor FS781 Datasheet HTML 3Page - Cypress Semiconductor FS781 Datasheet HTML 4Page - Cypress Semiconductor FS781 Datasheet HTML 5Page - Cypress Semiconductor FS781 Datasheet HTML 6Page - Cypress Semiconductor FS781 Datasheet HTML 7Page - Cypress Semiconductor FS781 Datasheet HTML 8Page - Cypress Semiconductor FS781 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
FS781/82/84
Document #: 38-07029 Rev. *E
Page 5 of 12
SSCG Modulation Profile
The digital control inputs S0 and S1 determine the modulation
frequency of FS781/2/4 products. The input frequency is
divided by a fixed number, depending on the operating range
that is selected. The modulation frequency of the FS78x can
be determined from Table 4. To compute the modulation
frequency, determine the values of S0 and S1, and find the
modulation divider number in Table 4.
Theory of Operation
The FS781/82/84 devices are phase-locked loop-(PLL)-type
clock generators using Direct Digital Synthesis (DDS). ‘By
precisely controlling the bandwidth of the output clock, the
FS781/2/4 products become a low-EMI clock generator. The
theory and detailed operation of these products will be
discussed in the following sections.
EMI
All clocks generate unwanted energy in their harmonics.
Conventional digital clocks are square waves with a duty cycle
that is very close to 50%. Because of the 50/50 duty cycle,
digital clocks generate most of their harmonic energy in the
odd harmonics (e.g., third, fifth, seventh). It is possible to
reduce the amount of energy contained in the fundamental
and harmonics by increasing the bandwidth of the funda-
mental clock frequency. Conventional digital clocks have a
very high Q factor, which means that all of the energy at that
frequency is concentrated in a very narrow bandwidth, conse-
quently, higher energy peaks. Regulatory agencies test
electronic equipment by the amount of peak energy radiated
from the equipment. By reducing the peak energy at the funda-
mental and harmonic frequencies, the equipment under test is
able to satisfy agency requirements for EMI. Conventional
methods of reducing EMI have been to use shielding, filtering,
multi-layer PCBs, etc. These FS781/2 and 4 reduce the peak
energy in the clock by increasing the clock bandwidth and
lowering the Q of the clock.
SSCG
The FS781/82/84 products use a unique method of modulating
the clock over a very narrow bandwidth and controlled rate of
change, both peak to peak and cycle to cycle. The FS78x
products take a narrow band digital reference clock in the
range of 6–82 MHz and produce a clock that sweeps between
a controlled start and stop frequency and precise rate of
change. To understand what happens to an SSCG clock,
consider that we have a 20-MHz clock with a 50% duty cycle.
From a 20-MHz clock we know the following:
Clock Frequency = Fc = 20 MHz.
Clock Period = Tc = 1/20 MHz = 50 ns.
Consider that this 20-MHz clock is applied to the XIN input of
the FS78x as either an externally driven clock or the result of
a parallel resonant crystal connected to pins 1 and 2 of the
FS78x. Also consider that the products are operating from a
5V DC power supply and the loop filter is set for a total
bandwidth spread of 2%. Refer to Figure 2.
Table 4. Modulation Rate Divider Ratios
S1
S0
Input Frequency Range (MHz)
Modulation Divider Number
0
0
6 to 16
120
0
1
16 to 32
240
1
0
32 to 66
480
1
1
66 to 82
720
Note:
5. With the correct loop filter connected to Pin 4, the following profile will provide the best EMI reduction. This profile can be seen on a Time Domain Analyzer.
Xin
+ .5%
- .5%
TIME (microseconds)
1.0%
Total
Figure 1. Frequency Profile in Time Domain[5]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com