Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS781 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # FS781
Description  Low EMI Spectrum Spread Clock
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FS781 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button FS781 Datasheet HTML 4Page - Cypress Semiconductor FS781 Datasheet HTML 5Page - Cypress Semiconductor FS781 Datasheet HTML 6Page - Cypress Semiconductor FS781 Datasheet HTML 7Page - Cypress Semiconductor FS781 Datasheet HTML 8Page - Cypress Semiconductor FS781 Datasheet HTML 9Page - Cypress Semiconductor FS781 Datasheet HTML 10Page - Cypress Semiconductor FS781 Datasheet HTML 11Page - Cypress Semiconductor FS781 Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
FS781/82/84
Document #: 38-07029 Rev. *E
Page 10 of 12
Marking Example
Package Drawing and Dimensions
Cypress
FS781BS
Date Code, Lot #
Cypress
FS781BT
Date Code, Lot #
FS781 B S
Cypress Device Driver
Revision
Package
S = SOIC
T = TSSOP
SEATING PLANE
PIN1ID
0.230[5.842]
0.244[6.197]
0.157[3.987]
0.150[3.810]
0.189[4.800]
0.196[4.978]
0.050[1.270]
BSC
0.061[1.549]
0.068[1.727]
0.004[0.102]
0.0098[0.249]
0.0138[0.350]
0.0192[0.487]
0.016[0.406]
0.035[0.889]
0.0075[0.190]
0.0098[0.249]
1. DIMENSIONS IN INCHES[MM] MIN.
MAX.
0°~8°
0.016[0.406]
0.010[0.254]
X 45°
2. PIN1IDISOPTIONAL,
ROUND ON SINGLE LEADFRAME
RECTANGULAR ON MATRIX LEADFRAME
0.004[0.102]
8 Lead (150 Mil) SOIC S08
1
4
58
3. REFERENCE JEDEC MS-012
PART #
S08.15 STANDARD PKG.
SZ08.15 LEAD FREE PKG.
4. PACKAGE WEIGHT 0.07gms
8-lead (150-Mil) SOIC S8
51-85066-*C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com