Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS782 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # FS782
Description  Low EMI Spectrum Spread Clock
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FS782 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button FS782 Datasheet HTML 3Page - Cypress Semiconductor FS782 Datasheet HTML 4Page - Cypress Semiconductor FS782 Datasheet HTML 5Page - Cypress Semiconductor FS782 Datasheet HTML 6Page - Cypress Semiconductor FS782 Datasheet HTML 7Page - Cypress Semiconductor FS782 Datasheet HTML 8Page - Cypress Semiconductor FS782 Datasheet HTML 9Page - Cypress Semiconductor FS782 Datasheet HTML 10Page - Cypress Semiconductor FS782 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
FS781/82/84
Document #: 38-07029 Rev. *E
Page 7 of 12
**
** Occasionally, C8 is used to
create a second pole for this loop
filter. Refer to Loop Filter Selection
table.
Mount loop filter components as
close to LF pin as possible.
.
Crystal is 20 MHz is 1st Order
with 18 pF load capacitance.
If Crystal load capacitance is
different than 18 pF, C1 and C2
must be re-calculated.
For third overtone crystals, a
parallel or series resonant trap
is required.
R6
C1
0.1 uF
C2
27 pF
C3
27 pF
Y1
20 MHz
C8
C7
FS781
(SOIC)
Xin
1
Xout
2
S1
3
LF
4
VSS
5
FSOUT
6
S0
7
VDD
8
VDD
FSOUT
Figure 5. FS781 Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com