Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS782 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # FS782
Description  Low EMI Spectrum Spread Clock
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FS782 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button FS782 Datasheet HTML 4Page - Cypress Semiconductor FS782 Datasheet HTML 5Page - Cypress Semiconductor FS782 Datasheet HTML 6Page - Cypress Semiconductor FS782 Datasheet HTML 7Page - Cypress Semiconductor FS782 Datasheet HTML 8Page - Cypress Semiconductor FS782 Datasheet HTML 9Page - Cypress Semiconductor FS782 Datasheet HTML 10Page - Cypress Semiconductor FS782 Datasheet HTML 11Page - Cypress Semiconductor FS782 Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
FS781/82/84
Document #: 38-07029 Rev. *E
Page 9 of 12
CCJ
FSOUT, Cycle-to-Cycle Jitter, 48 MHz @ 3.30 VDC (Pin 6)
–
320
370
ps
CCJ
FSOUT, Cycle-to-Cycle Jitter, 48 MHz @ 5.0 VDC (Pin 6)
–
310
360
ps
CCJ
FSOUT, Cycle-to-Cycle Jitter, 72 MHz @ 3.30 VDC (Pin 6)
–
270
325
ps
CCJ
FSOUT, Cycle-to-Cycle Jitter, 72 MHz @ 5.0 VDC (Pin 6)
–
390
440
ps
Table 7. Timing Electrical Characteristics VDD = 3.3V and 5.0V ±10%, TA = 0°C to 70°C, CL = 15 pF, XIN = 48 MHz (continued)
Parameter
Description
Min.
Typ.
Max.
Unit
Table 8. Range Selection Table
S1
(pin 3)
S0
(pin 7)
Fin (MHz)
(pin 2/3)
Modulation
Rate
FS781
FSOUT (pin 6)
FS782
FSOUT (pin 6)
FS784
FSOUT (pin 6)
0
0
6–16
Fin/120
6–16 MHz
12–32 MHz
32–64 MHz
0
1
16–32
Fin/240
16–32 MHz
32–64 MHz
64–82 MHz
1
0
32–66
Fin/480
32–66 MHz
64–82 MHz
N/A
1
1
66–82
Fin/720
66–82 MHz
N/A
N/A
Ordering Information[8]
Part Number
Package Type
Product Flow
IMIFS781BZB
8-pin 150-mil SOIC
Commercial, 0 to 70
°C
IMIFS781BZBT
8-pin 150-mil SOIC – Tape and Reel
Commercial, 0 to 70
°C
IMIFS782BZB
8-pin 150-mil SOIC
Commercial, 0 to 70
°C
IMIFS782BZBT
8-pin 150-mil SOIC – Tape and Reel
Commercial, 0 to 70
°C
IMIFS784BZB
8-pin 150-mil SOIC
Commercial, 0 to 70
°C
IMIFS784BZBT
8-pin 150-mil SOIC – Tape and Reel
Commercial, 0 to 70
°C
IMIFS781BT
8-pin (4.4 mm body) TSSOP
Commercial, 0 to 70
°C
IMIFS781BTT
8-pin (4.4 mm body) TSSOP – Tape and Reel
Commercial, 0 to 70
°C
IMIFS784BT
8-pin (4.4 mm body) TSSOP
Commercial, 0 to 70
°C
IMIFS784BTT
8-pin (4.4 mm body) TSSOP – Tape and Reel
Commercial, 0 to 70
°C
Lead-free
CYIFS781BSXC
8-pin 150-mil SOIC
Commercial, 0 to 70
°C
CYIFS781BSXCT
8-pin 150-mil SOIC – Tape and Reel
Commercial, 0 to 70
°C
CYIFS782BSXC
8-pin 150-mil SOIC
Commercial, 0 to 70
°C
CYIFS782BSXCT
8-pin 150-mil SOIC – Tape and Reel
Commercial, 0 to 70
°C
CYIFS784BSXC
8-pin 150-mil SOIC
Commercial, 0 to 70
°C
CYIFS784BSXCT
8-pin 150-mil SOIC – Tape and Reel
Commercial, 0 to 70
°C
CYIFS781BZXC
8-pin (4.4 mm body) TSSOP
Commercial, 0 to 70
°C
CYIFS781BZXCT
8-pin (4.4 mm body) TSSOP – Tape and Reel
Commercial, 0 to 70
°C
CYIFS782BZXC
8-pin (4.4 mm body) TSSOP
Commercial, 0 to 70
°C
CYIFS782BZXCT
8-pin (4.4 mm body) TSSOP – Tape and Reel
Commercial, 0 to 70
°C
CYIFS784BZXC
8-pin (4.4 mm body) TSSOP
Commercial, 0 to 70
°C
CYIFS784BZXCT
8-pin (4.4 mm body) TSSOP – Tape and Reel
Commercial, 0 to 70
°C
Note:
8. The ordering part number differs from the marking on the actual device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com