Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS784 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # FS784
Description  Low EMI Spectrum Spread Clock
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FS784 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button FS784 Datasheet HTML 4Page - Cypress Semiconductor FS784 Datasheet HTML 5Page - Cypress Semiconductor FS784 Datasheet HTML 6Page - Cypress Semiconductor FS784 Datasheet HTML 7Page - Cypress Semiconductor FS784 Datasheet HTML 8Page - Cypress Semiconductor FS784 Datasheet HTML 9Page - Cypress Semiconductor FS784 Datasheet HTML 10Page - Cypress Semiconductor FS784 Datasheet HTML 11Page - Cypress Semiconductor FS784 Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
FS781/82/84
Document #: 38-07029 Rev. *E
Page 8 of 12
Absolute Maximum Ratings[6]
This device contains circuitry to protect the input against
damage due to high static voltages or electric fields; however,
precautions should be taken to avoid application of any
voltage higher than the absolute maximum rated voltages to
this circuit. For proper operation, VIN and VOUT should be
constrained to the range, VSS < (VIN or VOUT) < VDD. All digital
inputs are tied high or low internally. Refers to electrical speci-
fications for operating supply range.
Table 5. Absolute Maximum Ratings
Parameter
Description
Min.
Max.
Unit
VDD
Operating Voltage
3.0
6.0
VDC
VIRvss
Input, relative to VSS
–0.3
VDD + 0.3
VDC
VORvss
Output, relative to VSS
–0.3
VDD + 0.3
VDC
TOP
Temperature, Operating
0
+70
°C
TST
Temperature, Storage
–65
+150
°C
Table 6. DC Electrical Characteristics VDD = 3.3V and 5.0V ±10%, XIN = 48 MHz, TA = 0°C to 70°C
Parameter
Description
Min.
Typ.
Max.
Unit
VIL
Input Low Voltage
–
0.3 * VDD
VDC
VIH
Input High Voltage
0.7 * VDD
VDC
IIL
Input Low Current
100
µA
IIH
Input High Current
100
µA
VOL
Output Low Voltage IOL= 10 mA, VDD = 5V
0.4
VDC
VOH
Output High Voltage IOH = 10 mA, VDD = 5V
VDD – 1.0
VDC
VOL
Output Low Voltage IOL= 6 mA, VDD = 3.3V
0.4
VDC
VOH
Output High Voltage IOH = 5 mA, VDD = 3.3V
2.4
VDC
Rpd
Resistor, Pull-down (Pin 7)
60K
125K
200K
Ω
Rpu
Resistor, Pull-up (Pin 3)
60K
125K
200K
Ω
Cxin
Input Capacitance (Pin 1)
8
pF
Cxout
Output Capacitance (Pin 2)
10
pF
ICC
5V Dynamic Supply Current (CL = No Load)
38
mA
ICC
3.3V Dynamic Supply Current (CL = No Load)
20
mA
ISC
Short Circuit Current (FSOUT)
25
mA
BW
BW% Variations, 3.30V[7]
–20
0
+20
%
BW
BW% Variations, 5.00V[7]
–30
0
+30
%
Table 7. Timing Electrical Characteristics VDD = 3.3V and 5.0V ±10%, TA = 0°C to 70°C, CL = 15 pF, XIN = 48 MHz
Parameter
Description
Min.
Typ.
Max.
Unit
tTLH
Output Rise Time Measured at 10%–90% @ 5 VDC
1.8
2.2
2.7
ns
tTHL
Output Fall Time Measured at 10%–90% @ 5 VDC
1.5
2.0
2.5
ns
tTLH
Output Rise Time Measured at 0.8V–2.0V @ 5 VDC
0.5
0.65
0.8
ns
tTHL
Output Fall Time Measured at 0.8V–2.0 V @ 5 VDC
0.5
0.65
0.8
ns
tTLH
Output Rise Time Measured at 10%–90% @ 3.3 VDC
2.1
2.65
3.2
ns
tTHL
Output Fall Time Measured at 10%–90% @ 3.3 VDC
1.7
2.1
2.6
ns
tTLH
Output Rise Time Measured at 0.8V–2.0V @ 3.3 VDC
0.7
0.95
1.2
ns
tTHL
Output Fall Time Measured at 0.8V–2.0 V @ 3.3 VDC
0.6
0.85
1.1
ns
TsymF1
Output Duty Cycle
45
50
55
%
Notes:
6. Single Power Supply: The Voltage on any input or /O pin cannot exceed the power pin during power-up.
7. Percentage variations from the bandwidth % values given in Table 2 and Table 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com