Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS784 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # FS784
Description  Low EMI Spectrum Spread Clock
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FS784 Datasheet(HTML) 2 Page - Cypress Semiconductor

  FS784 Datasheet HTML 1Page - Cypress Semiconductor FS784 Datasheet HTML 2Page - Cypress Semiconductor FS784 Datasheet HTML 3Page - Cypress Semiconductor FS784 Datasheet HTML 4Page - Cypress Semiconductor FS784 Datasheet HTML 5Page - Cypress Semiconductor FS784 Datasheet HTML 6Page - Cypress Semiconductor FS784 Datasheet HTML 7Page - Cypress Semiconductor FS784 Datasheet HTML 8Page - Cypress Semiconductor FS784 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
FS781/82/84
Document #: 38-07029 Rev. *E
Page 2 of 12
Output Frequency Selection
Loop Filter Selection Chart
The following table provides a list of recommended loop filter
values for the FS781/82/84. The FS78X is divided into four
ranges and operated at both 3.3V and 5.5 VDC. The loop filter
at the right is representative of the loop filter components in
Table 2.
Pin Description
Pin
Name
I/O
Type
Description
1/2 (SOIC)
3/4 (TSSOP)
XIN/XOUT
I/O
Analog
Pins form an on-chip reference oscillator when connected to terminals
of an external parallel resonant crystal. XIN may be connected to
TTL/CMOS external clock source. If XIN is connected to an external clock
other than crystal, leave XOUT (pin 2) unconnected.
7/3 (SOIC)
1/5 (TSSOP)
S0 / S1
I
CMOS/TTL Digital control inputs to select input frequency range and output
frequency scaling. Refer to Table 2 and Table 3 for selection. S0 has internal
pull-down. S1 has internal pull-up.
4 (SOIC)
6 (TSSOP)
LF
I
Analog
Loop Filter. Single ended three-state output of the phase detector. A two-pole
passive loop filter is connected to LF.
6 (SOIC)
8 (TSSOP)
FSOUT
O
CMOS/TTL Modulated Clock Frequency Output. The center frequency is the same as
the input reference frequency for FS781. Input frequency is multiplied by 2×
and 4× for FS782 and FS784, respectively.
8 (SOIC)
2 (TSSOP)
VDD
P
Power
Positive Power Supply.
5 (SOIC)
7 (TSSOP)
VSS
P
Power
Power Supply Ground.
Table 1. FSOUT SSCG (Modulated Output Clock) Product Selection
Product Number
FSOUT Frequency Scaling
Description
FS781
1×
1× modulated frequency of input clock
FS782
2×
2× modulated frequency of input clock
FS784
4×
4× modulated frequency of input clock
Block Diagram
Pin Configuration
Phase
Detector
VCO
1(3)
2(4)
Xin
Xout
10 pF.
Reference
Divider
8 pF
8 pF
250 K
VCO / N
Modulation
Control
Input Control Logic
Output
Divider
and
Mux
Power Contol
Logic
3(5)
7(1)
8(2)
5(7)
4(6)
VDD
S0
S1
FSOUT
Loop Filter
VSS
6(8)
VSS
VDD
(TSSOP Pin #)
1
2
3
4
8
7
6
5
Xin
Xout
S1
LF
VDD
S0
FSOUT
VSS
FS78x
8 Pin SOIC Package
1
2
3
4
8
7
6
5
S0
VDD
Xin
Xout
FSOUT
VSS
LF
S1
FS78x
8 Pin TSSOP Package
C8
R6
C7
LF (pin 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com