Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT6302-R-003 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT6302-R-003
Description  VFD Driver/Controller IC with Character RAM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6302-R-003 Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT6302-R-003 Datasheet HTML 1Page - Princeton Technology Corp PT6302-R-003 Datasheet HTML 2Page - Princeton Technology Corp PT6302-R-003 Datasheet HTML 3Page - Princeton Technology Corp PT6302-R-003 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tel: 886-2-6626288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT6302 v1.4
- 1 -
April, 2004
VFD Driver/Controller IC with Character RAM
PT6302
DESCRIPTION
PT6302 is a dot matrix VFD Driver/Controller IC utilizing CMOS Technology specially designed to
display characters, numerals, and symbols. PT6302 provides 35 dot matrix plus 2 additional segment
drivers and 16 grid drivers. 248 types of character data (CGROM), 8 types of character data (CGRAM),
16 display digits x 2 bits symbol data, 16 display digits x 8 bits register for character data display and 2
general output bits for static operation are provided. Pin assignments and application circuit are
optimized for easy PCB layout and cost saving advantages.
FEATURES
• CMOS Technology
• Logic Power Supply: VDD = 3.3 V ± 10% or 5.0 V ± 10%
• VFD Drive Power Supply: VEE = -20V to -30V
• Built-in Oscillation Circuit (External RC)
• One-Byte Instruction Execution (not including Data Write to RAM)
• Microcontroller Interface
• Display Contents:
o
Character Generator ROM (CGROM): 5x7 Dots (248 Character Data Types)
o
Character Generator RAM (CGRAM): 5x7 Dots (8 Character Data Types)
o
Additional Data RAM (ADRAM): 16 Display Digits x 2 Bits (Symbol Data)
o
Data Control RAM (DCRAM): 16 Display Digits x 8 Bits (Character Data Display
Register)
o
General Output Port: 2 Bits (Static Operation)
• Display Control Function:
o
Display Digits : 9 to 16 Digits
o
Display Duty (Contrast Adjustment) : 8 stages
o
All Display Lights : ON/OFF Mode
APPLICATIONS
• Microcontroller Peripheral Device
• Audio/Video Equipment


Similar Part No. - PT6302-R-003

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6302 TI-PT6302 Datasheet
188Kb / 8P
3 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATORS
logo
Princeton Technology Co...
PT6302 PTC-PT6302 Datasheet
1Mb / 27P
VFD Driver/Controller IC with Character RAM
logo
Texas Instruments
PT6302A TI-PT6302A Datasheet
188Kb / 8P
3 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATORS
PT6302A TI-PT6302A Datasheet
166Kb / 6P
3 Amp Adjustable Positive Step-down Integrated Switching Regulators
PT6302B TI-PT6302B Datasheet
188Kb / 8P
3 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATORS
More results

Similar Description - PT6302-R-003

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16314 NEC-UPD16314 Datasheet
312Kb / 8P
DOT CHARACTER VFD CONTROLLER/DRIVER
logo
Princeton Technology Co...
PT6351 PTC-PT6351 Datasheet
53Kb / 3P
VFD Driver/Controller IC
PT6314 PTC-PT6314 Datasheet
1Mb / 49P
Dot Character VFD Controller/Driver IC
logo
Holtek Semiconductor In...
HT16514 HOLTEK-HT16514 Datasheet
659Kb / 39P
Dot Character VFD Controller & Driver
October 4, 2006
logo
Princeton Technology Co...
PT6318 PTC-PT6318 Datasheet
625Kb / 4P
VFD Driver/Controller IC
PT6302 PTC-PT6302_10 Datasheet
1Mb / 27P
VFD Driver/Controller IC with Character RAM
PT6314 PTC-PT6314_10 Datasheet
1Mb / 42P
Dot Character VFD Controller/Driver IC
PT6332 PTC-PT6332 Datasheet
542Kb / 37P
VFD Driver/Controller IC
logo
Holtek Semiconductor In...
HT16528 HOLTEK-HT16528 Datasheet
1Mb / 40P
Dot Character VFD Controller & Driver
logo
Princeton Technology Co...
PT6312B PTC-PT6312B Datasheet
323Kb / 21P
VFD Driver/Controller IC
V1.2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com