Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMHF2805DF/HR Datasheet(PDF) 2 Page - Interpoint Corporation Company

Part # SMHF2805DF/HR
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMHF2805DF/HR Datasheet(HTML) 2 Page - Interpoint Corporation Company

  SMHF2805DF/HR Datasheet HTML 1Page - Interpoint Corporation Company SMHF2805DF/HR Datasheet HTML 2Page - Interpoint Corporation Company SMHF2805DF/HR Datasheet HTML 3Page - Interpoint Corporation Company SMHF2805DF/HR Datasheet HTML 4Page - Interpoint Corporation Company SMHF2805DF/HR Datasheet HTML 5Page - Interpoint Corporation Company SMHF2805DF/HR Datasheet HTML 6Page - Interpoint Corporation Company SMHF2805DF/HR Datasheet HTML 7Page - Interpoint Corporation Company SMHF2805DF/HR Datasheet HTML 8Page - Interpoint Corporation Company SMHF2805DF/HR Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
RECOMMENDED OPERATING CONDITIONS
TYPICAL CHARACTERISTICS
SYNC AND INHIBIT
ABSOLUTE MAXIMUM RATINGS
Input Voltage
• 16 to 40 VDC
Power Dissipation (Pd)
•8 W
Output Power
• 12 to 15 watts depending on model
Lead Soldering Temperature (10 sec per lead)
• 300°C
Storage Temperature Range (Case)
• –65°C to +150°C
34
DC/DC CONVERTERS
Output Voltage Temperature Coefficient
• 100 ppm /°C typical
• 150 ppm/°C maximum
Input to Output Capacitance
• 60 pF typical
Undervoltage Lockout
• 12 V input typical
Current Limit
• 115% of full load typical
Isolation
• 100 megohm minimum at 500 V
Audio Rejection
• 50 dB typical
Conversion Frequency (º55°C to +125°C Tc)
• Free run 550 kHz typical
480 kHz min, 620 kHz max
Inhibit Pin Voltage (unit enabled)
• 8.5 to 12 V
Input Voltage Range
• 16 to 40 VDC continuous
• 0 V for up to 50 msec transient
Case Operating Temperature (Tc)
• –55°C to +125°C full power
• –55°C to +135°C absolute
Derating Output Power/Current (Tc)
• Linearly from 100% at 125°C to 0% at 135°C
SMHF SERIES
SINGLE AND DUAL
15 WATT
SINGLE OUTPUT MODELS
SMHF283R3S
SMHF2805S
SMHF2812S
SMHF2815S
OUTPUT VOLTAGE
Tc = 25°C
3.27
3.3
3.33
4.95
5
5.05 11.88
12
12.12 14.85
15
15.15
VDC
OUTPUT CURRENT
VIN = 16 TO 40 VDC
—
—
2.4
—
—
2.4
—
—
1.25
—
—
1.00
A
OUTPUT POWER
VIN = 16 TO 40 VDC
0
—
8
0
—
12
0
—
15
0
—
15
W
OUTPUT RIPPLE
10 kHz - 2 MHz
—
60
160
—
30
80
—
60
160
—
60
75
mV p-p
VOLTAGE
Tc = –55°C TO +125°C
—
80
240
—
150
240
—
50
120
—
100
260
LINE REGULATION
VIN = 16 TO 40 VDC
—
5
100
—
5
100
—
5
100
—
5
100
mV
LOAD REGULATION
NO LOAD TO FULL
—
20
50
—
20
50
—
20
50
—
20
50
mV
INPUT VOLTAGE
CONTINUOUS
16
28
40
16
28
40
16
28
40
16
28
40
VDC
NO LOAD TO FULL
TRANSIENT 120 ms
0
—
50
0
—
50
0
—
50
0
—
50
V
INPUT CURRENT
NO LOAD
—
25
65
—
25
40
—
25
50
—
25
62
FULL LOAD
—
—
397
—
560
624
—
680
752
—
670
752
mA
INHIBITED
—
5
12
—
5
12
—
5
12
—
5
12
INPUT RIPPLE
10k Hz - 10 MHz
—
45
80
—
35
80
—
35
80
—
35
80
mA p-p
CURRENT
Tc = –55°C TO +125°C
—
—
120
—
—
120
—
—
120
—
—
120
EFFICIENCY
Tc = 25°C
70
73
—
73
75
—
78
79
—
74
80
—
%
LOAD FAULT1
SHORT CIRCUIT
POWER DISSIPATION
—
5
8
—
3.5
8
—
3.5
8
—
3.5
7
W
RECOVERY2
—
7.5
30
—
7.5
30
—
7.5
30
—
7.5
30
ms
STEP LOAD
50 %–100%– 50%
RESPONSE
TRANSIENT
–400
150
500
–500
150
500
–700
150
700
–800
200
800
mV pk
RECOVERY2
—
150
300
—
150
300
—
150
500
—
600
1200
µs
STEP LINE
16 TO 40 TO 16 VIN
RESPONSE
TRANSIENT3
–800
550
800
–800
550
800
–800
550
800
–800
550
800
mV pk
RECOVERY2
—
0.8
1.2
—
0.8
1.2
—
0.8
1.2
—
0.8
1.2
µs
START-UP
DELAY
—
10
25
—
10
25
—
10
25
—
10
25
µs
0 TO 28 VIN
OVERSHOOT4
—
200
300
—
100
600
—
200
1200
—
200
1500
mV pk
Notes
1. Indefinite short circuit protection not guaranteed above 125°C (case)
2. Recovery time is measured from application of the transient
to the point at which Vout is within regulation.
3. Input step transition time >10µs.
4. Input step transition time <100µs.
Sync In (500 to 600 kHz)
• Duty cycle 40% to 60%
• Logic low 0.8 V max
• Logic high 4.5 V min, 5 V max
• Referenced to input common
• If not used, connect to input common
Inhibit TTL Open Collector
• Logic low (output disabled)
Logic low voltage
≤0.8 V max
Inhibit pin current 4.0 mA max
• Referenced to input common
• Logic high (output enabled)
Open collector or unconnected
Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, radiation level O, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com