Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMHF2805DF/HR Datasheet(PDF) 3 Page - Interpoint Corporation Company

Part # SMHF2805DF/HR
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMHF2805DF/HR Datasheet(HTML) 3 Page - Interpoint Corporation Company

  SMHF2805DF/HR Datasheet HTML 1Page - Interpoint Corporation Company SMHF2805DF/HR Datasheet HTML 2Page - Interpoint Corporation Company SMHF2805DF/HR Datasheet HTML 3Page - Interpoint Corporation Company SMHF2805DF/HR Datasheet HTML 4Page - Interpoint Corporation Company SMHF2805DF/HR Datasheet HTML 5Page - Interpoint Corporation Company SMHF2805DF/HR Datasheet HTML 6Page - Interpoint Corporation Company SMHF2805DF/HR Datasheet HTML 7Page - Interpoint Corporation Company SMHF2805DF/HR Datasheet HTML 8Page - Interpoint Corporation Company SMHF2805DF/HR Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
35
DC/DC CONVERTERS
SMHF SERIES
SINGLE AND DUAL
15 WATT
DUAL OUTPUT MODELS
SMHF2805D
SMHF2812D
SMHF2815D
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OUTPUT VOLTAGE
+VOUT
4.95
5.00
5.05
11.88
12.00
12.12
14.85
15.00
15.15
VDC
–VOUT
4.92
5.00
5.08
11.82
12.00
1218
14.78
15.00
15.23
OUTPUT CURRENT1
VIN = 16 to 40 VDC
—
±1.2
1.68
—
±0.625
0.875
—
±0.500
0.700
A
OUTPUT POWER1
VIN = 16 to 40 VDC
—
—
12
—
—
15
—
—
15
W
OUTPUT RIPPLE
10 kHz - 2 MHz
—
60
160
—
70
175
—
70
175
VOLTAGE ±VOUT
Tc = –55°C to +125°C
—
100
240
—
100
275
—
100
275
mV p-p
LINE REGULATION
BALANCED +VOUT
—
5
50
—
5
50
—
5
50
mV
Vin = 16 to 40 VDC
LOAD
–VOUT
—
—
100
—
—
100
—
—
100
LOAD REGULATION
BALANCED +VOUT
—
20
50
—
20
50
—
20
50
mV
LOAD
–VOUT
—
—
150
—
—
150
—
—
150
CROSS REGULATION2
NEGATIVE VOUT
—
6
7.5
—
3
6
—
3
6
%
INPUT VOLTAGE
CONTINUOUS
16
28
40
16
28
40
16
28
40
VDC
NO LOAD TO FULL
TRANSIENT 50 msec
—
—
50
—
—
50
—
—
50
V
INPUT CURRENT
NO LOAD
—
20
50
—
25
50
—
25
50
FULL LOAD
—
540
600
—
645
754
—
638
754
mA
INHIBITED
—
6
12
—
5
12
—
5
12
INPUT RIPPLE
10 kHz - 10 MHz
—
30
80
—
40
80
—
40
80
CURRENT
Tc = –55°C to +125°C
—
60
120
—
55
120
—
55
120
mA p-p
EFFICIENCY
75
77
—
74
81
—
74
82
—
%
LOAD FAULT
SHORT CIRCUIT3
POWER DISSIPATION
—
3
8
—
3
6
—
3
6
W
RECOVERY4
—
7.5
30
—
7.5
50
—
7.5
50
ms
STEP LOAD RESP.5
50% – 100% – 50%
BALANCED LOADS
TRANSIENT
+VOUT
–600
200
600
–600
300
600
–600
300
600
mV pk
–VOUT
–600
150
600
–600
100
500
–600
100
600
RECOVERY4
—
150
500
—
200
500
—
200
600
µs
STEP LINE RESP.
16 – 40 – 40 VDC
±VOUT
TRANSIENT6
–800
600
800
–750
550
750
–750
550
750
mV pk
RECOVERY4
—
0.8
1.2
—
0.8
1.2
—
0.8
1.2
ms
START-UP
DELAY
—
12
30
—
12
25
—
12
25
ms
OVERSHOOT7
0
100
500
0
200
500
0
200
500
mV pk
Notes
1. Up to 70% of the total output power is available from either output providing
the opposite output is simultaneously carrying 30% of the total output
power. Each output must carry a minimum of 30% of the total output
power in order to maintain regulation on the negative outputs.
2. Effect on –Vout for the following conditions, percentages are of total power:
+Po = 50% to 10% and –Po = 50%
+Po = 50% and –Po = 50% to 10%
3. Indefinite short circuit protection not guaranteed above 125°C (case)
4. Recovery time is measured from application of the transient to point at
which Vout is within regulation.
5. Response of either output with the opposite output held at half of the total
output power.
6. Input step transition time >10µs.
7. Input step transition time <100µs.
Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, radiation level O, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com