Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTY02N50D Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTY02N50D
Description  High Voltage MOSFET N-Channel, Depletion Mode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTY02N50D Datasheet(HTML) 2 Page - IXYS Corporation

  IXTY02N50D Datasheet HTML 1Page - IXYS Corporation IXTY02N50D Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXTP 02N50D
IXTU 02N50D
IXTY 02N50D
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
g
fs
V
DS
= 50 V; I
D = 200 mA
Note1
100
150
mS
C
iss
120
pF
C
oss
V
GS
= -10 V, V
DS = 25 V, f = 1 MHz
25
pF
C
rss
5pF
t
d(on)
V
ds
= 100 V V, I
D = 50 mA
9
n s
t
r
V
gs
= 0 V to -10
4
n s
t
d(off)
R
G
= 30
Ω (External)
28
n s
t
f
45
n s
R
thJC
5
K/W
R
thCS
TO-220
0.25
K/W
Source-Drain Diode
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
min.
typ.
max.
V
SD
V
GS = -10 V, IF = 200 mA
Note1
0.7
1.5
V
t
rr
I
F = 0.75 A, -di/dt = 10 A/μs,
1.0
μs
V
DS = 25 V, VGS = -10V
Note1: Pulse test, t
≤ 300 μs, duty cycle d ≤ 2 %
Pins: 1 - Gate
2 - Drain
3 - Source
TAB - Drain
TO-220 AD Outline
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
2.19
2.38
.086
.094
A1
0.89
1.14
0.35
.045
b
0.64
0.89
.025
.035
b1
0.76
1.14
.030
.045
b2
5.21
5.46
.205
.215
c
0.46
0.58
.018
.023
c1
0.46
0.58
.018
.023
D
5.97
6.22
.235
.245
E
6.35
6.73
.250
.265
e
2.28
BSC
.090
BSC
e1
4.57
BSC
.180
BSC
H
17.02
17.78
.670
.700
L
8.89
9.65
.350
.380
L1
1.91
2.28
.075
.090
L2
0.89
1.27
.035
.050
L3
1.15
1.52
.045
.060
TO-251 AA Outline
Pins: 1 - Gate
2 - Drain
3 - Source
TAB - Drain
IXYS MOSFETs and IGBTs are covered by
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065B1
6,683,344
6,727,585
one or moreof the following U.S. patents:
4,850,072
5,017,508
5,063,307
5,381,025
6,259,123B1
6,534,343
6,710,405B2
6,759,692
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
TO-252 AA Outline
Dim.
Millimeter
Inches
Min. Max.
Min.
Max.
A
2.19 2.38
0.086
0.094
A1
0.89 1.14
0.035
0.045
A2
0 0.13
0
0.005
b
0.64 0.89
0.025
0.035
b1
0.76 1.14
0.030
0.045
b2
5.21 5.46
0.205
0.215
c
0.46 0.58
0.018
0.023
c1
0.46 0.58
0.018
0.023
D
5.97 6.22
0.235
0.245
D1
4.32 5.21
0.170
0.205
E
6.35 6.73
0.250
0.265
E1
4.32 5.21
0.170
0.205
e
2.28 BSC
0.090 BSC
e1
4.57 BSC
0.180 BSC
H
9.40 10.42
0.370
0.410
L
0.51 1.02
0.020
0.040
L1
0.64 1.02
0.025
0.040
L2
0.89 1.27
0.035
0.050
L3
2.54 2.92
0.100
0.115
Pins: 1 - Gate
2 - Drain
3 - Source
TAB - Drain



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com