Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTY02N50D Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTY02N50D
Description  High Voltage MOSFET N-Channel, Depletion Mode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTY02N50D Datasheet(HTML) 1 Page - IXYS Corporation

  IXTY02N50D Datasheet HTML 1Page - IXYS Corporation IXTY02N50D Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Symbol
Test Conditions
Maximum Ratings
V
DSX
T
J = 25°C to 150°C
500
V
V
DGX
T
J = 25°C to 150°C
500
V
V
GS
Continuous
± 20
V
V
GSM
Transient
± 30
V
I
DSS
T
C = 25°C; TJ = 25°C to 150°C
200
mA
I
DM
T
C = 25°C, pulse width limited by TJ
800
mA
P
D
T
C = 25°C
25
W
T
A = 25°C
1.1
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.063 in.) from case for 10 s
300
°C
T
ISOL
Plastic case for 10 s (IXTU)
300
°C
M
d
Mounting torque
TO-220
1.3 / 10
Nm/lb.
Weight
TO-220
4
g
TO-251
0.8
g
TO-252
0.8
g
High Voltage MOSFET
© 2006 IXYS All rights reserved
N-Channel, Depletion Mode
IXTP 02N50D
IXTU 02N50D
IXTY 02N50D
V
DSS
= 500
V
I
D25
= 200 mA
R
DS(on) =
30
Ω
Ω
Ω
Ω
Ω
Features
Normally ON mode
Low R
DS (on) HDMOS
TM process
Rugged polysilicon gate cell structure
Fast switching speed
Applications
Level shifting
Triggers
Solid state relays
Current regulators
98861A (01/06)
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSX
V
GS
= -10 V, I
D = 25 μA
500
V
V
GS(off)
V
DS
= 25V, I
D = 25 μA
-2.5
-5
V
I
GSS
V
GS
=
± 20 V
DC, VDS = 0
±100
nA
I
DSX(off)
V
DS
= V
DSS, VGS = -10 V
10
μA
T
J = 125°C
250
μA
R
DS(on)
V
GS
= 0 V, I
D = 50 mA
Note 1
20
30
Ω
I
D(on)
V
GS = 0 V, VDS = 25V
Note 1
250
mA
Preliminary Data Sheet
G D
S
TO-220 (IXTP)
Pins: 1 - Gate
2 - Drain
3 - Source TAB - Drain
D (TAB)
TO-251 (IXTU)
D
S
G
D (TAB)
TO-252 (IXTY)
G
S
D (TAB)


Similar Part No. - IXTY02N50D

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTY02N50D ISC-IXTY02N50D Datasheet
298Kb / 2P
isc N-Channel MOSFET Transistor
logo
IXYS Corporation
IXTY02N50D IXYS-IXTY02N50D_17 Datasheet
213Kb / 4P
High Voltage Power MOSFET
More results

Similar Description - IXTY02N50D

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LND150 SUTEX-LND150 Datasheet
88Kb / 4P
N-Channel Depletion-Mode MOSFET
LND250 SUTEX-LND250 Datasheet
69Kb / 2P
N-Channel Depletion-Mode MOSFET
logo
TEMIC Semiconductors
ND2020 TEMIC-ND2020 Datasheet
76Kb / 4P
N-Channel Depletion-Mode MOSFET Transistors
logo
IXYS Corporation
IXTU01N100D IXYS-IXTU01N100D Datasheet
93Kb / 2P
N-Channel, Depletion Mode High Voltage MOSFET
logo
Bruckewell Technology L...
DMS05N60 BWTECH-DMS05N60 Datasheet
565Kb / 3P
N-Channel Depletion-Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM126 TSC-TSM126 Datasheet
601Kb / 7P
N-Channel Depletion-Mode MOSFET
logo
Unisonic Technologies
11N60K-MT UTC-11N60K-MT Datasheet
220Kb / 6P
N-CHANNEL DEPLETION-MODE POWER MOSFET
logo
IXYS Corporation
IXTA1R6N100D2HV IXYS-IXTA1R6N100D2HV Datasheet
176Kb / 5P
High Voltage Depletion Mode MOSFET
IXTA3N100D2HV IXYS-IXTA3N100D2HV Datasheet
183Kb / 5P
High Voltage Depletion Mode MOSFET
IXTA08N100D2HV IXYS-IXTA08N100D2HV Datasheet
194Kb / 5P
High Voltage Depletion Mode MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com