Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FKH8024A Datasheet(PDF) 1 Page - FETek Technology Corp.

Part # FKH8024A
Description  N-Ch 80V Fast Switching MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FETEK [FETek Technology Corp.]
Direct Link  http://www.fetek.com.tw
Logo FETEK - FETek Technology Corp.

FKH8024A Datasheet(HTML) 1 Page - FETek Technology Corp.

  FKH8024A Datasheet HTML 1Page - FETek Technology Corp. FKH8024A Datasheet HTML 2Page - FETek Technology Corp. FKH8024A Datasheet HTML 3Page - FETek Technology Corp. FKH8024A Datasheet HTML 4Page - FETek Technology Corp. FKH8024A Datasheet HTML 5Page - FETek Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FETek Technology Corp.
Data and specifications subject to change without notice.
www.fetek.com.tw
Ver : A
FKH8024A
N-Ch 80V Fast Switching MOSFETs
11
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
80
V
VGS
Gate-Source Voltage
±20
V
ID@TC=25
℃
Continuous Drain Current, VGS @ 10V1
108
A
ID@TC=100
℃
Continuous Drain Current, VGS @ 10V1
68
A
IDM
Pulsed Drain Current2
200
A
EAS
Single Pulse Avalanche Energy3
125
mJ
IAS
Avalanche Current
50
A
PD@TC=25
℃
Total Power Dissipation4
149
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-Ambient 1
---
55
℃/W
RθJC
Thermal Resistance Junction-Case1
---
0.84
℃/W
BVDSS
RDSON
ID
80V
6.5m
Ω
108A
The FKH8024A is the high cell density trenched
N-ch MOSFETs, which provide excellent RDSON
and gate charge for most of the synchronous buck
converter applications.
The FKH8024A meet the RoHS and Green
Product requirement, 100% EAS guaranteed with
full function reliability approved.
 100% EAS Guaranteed
 Green Device Available
 Super Low Gate Charge
 Excellent CdV/dt effect decline
 Advanced high cell density Trench
technology
Description
Absolute Maximum Ratings
Thermal Data
TO263 Pin Configuration
Product Summary


Similar Part No. - FKH8024A

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
FKH80 HELLERMANNTYTON-FKH80 Datasheet
173Kb / 3P
Cable Ties and Fixings
10/2017
logo
FETek Technology Corp.
FKH8016 FETEK-FKH8016 Datasheet
746Kb / 4P
N-ch 75V Fast Switching MOSFETs
Ver : A
FKH8048 FETEK-FKH8048 Datasheet
680Kb / 4P
Single N-Channel MOSFET
Ver : A
logo
HellermannTyton.
FKH80A HELLERMANNTYTON-FKH80A Datasheet
173Kb / 3P
Cable Ties and Fixings
10/2017
FKH80APT-I HELLERMANNTYTON-FKH80APT-I Datasheet
173Kb / 3P
Cable Ties and Fixings
10/2017
More results

Similar Description - FKH8024A

ManufacturerPart #DatasheetDescription
logo
FETek Technology Corp.
FKBA8016 FETEK-FKBA8016 Datasheet
658Kb / 4P
N-Ch 80V Fast Switching MOSFETs
Ver : A
FKBA8024A FETEK-FKBA8024A Datasheet
592Kb / 4P
N-Ch 80V Fast Switching MOSFETs
Ver : A
FKBA8074A FETEK-FKBA8074A Datasheet
501Kb / 4P
N-Ch 80V Fast Switching MOSFETs
Ver : B
FKD8066 FETEK-FKD8066 Datasheet
679Kb / 4P
N-Ch 80V Fast Switching MOSFETs
Ver : A
FKH8448 FETEK-FKH8448 Datasheet
642Kb / 4P
N-Ch 80V Fast Switching MOSFETs
Ver : A
FKP8016 FETEK-FKP8016 Datasheet
670Kb / 4P
N-Ch 80V Fast Switching MOSFETs
Ver : A
FKP8070 FETEK-FKP8070 Datasheet
512Kb / 4P
N-Ch 80V Fast Switching MOSFETs
Ver : A
FKR8014 FETEK-FKR8014 Datasheet
605Kb / 4P
N-Ch 80V Fast Switching MOSFETs
Ver : A
FKS8016 FETEK-FKS8016 Datasheet
646Kb / 4P
N-Ch 80V Fast Switching MOSFETs
Ver : A
FKS8048 FETEK-FKS8048 Datasheet
734Kb / 4P
N-Ch 80V Fast Switching MOSFETs
Ver : A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com