Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS4201F Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS4201F
Description  USB Audio DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS4201F Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS4201F Datasheet HTML 9Page - Dallas Semiconductor DS4201F Datasheet HTML 10Page - Dallas Semiconductor DS4201F Datasheet HTML 11Page - Dallas Semiconductor DS4201F Datasheet HTML 12Page - Dallas Semiconductor DS4201F Datasheet HTML 13Page - Dallas Semiconductor DS4201F Datasheet HTML 14Page - Dallas Semiconductor DS4201F Datasheet HTML 15Page - Dallas Semiconductor DS4201F Datasheet HTML 16Page - Dallas Semiconductor DS4201F Datasheet HTML 17Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
DS4201
13 of 24
102099
ANALOG OUTPUT
double control=
FALSE
1.27
1.41
1.55
VPP
5,6
Full Scale Output
Voltage
double control=
TRUE
2.55
2.83
3.11
VPP
5,6
External Load Impedance
10
K
Ω
8
Common Mode Reference Output (VCM)
0.36xVA
0.4xVA
0.44xVA
V
5,6
VCM current drain (CM)
50
µA
4
MIXER PROGRAMMABILITY
DAC Inputs
-96.0
0
dB
MIC Inputs
-32.0
30.0
dB
Programmable Mix
Levels
AUX Inputs
-32.0
30.0
dB
DAC Inputs
2.0
dB
MIC Inputs
2.0
dB
Programmable Mix
Level Step Size
AUX Inputs
2.0
dB
NOTES:
1. See APPENDIX D for parameter definition and measurement technique.
2. Values are guaranteed by characterization and sample testing but are not 100% production tested.
3. Frequency value obtained by multiplying by the DAC sampling rate.
4. DC current only. If dynamic loading exists, the voltage reference output must be buffered to prevent
DAC performance degradation.
5. The USB audio extension unit control selector OUTPUT_DOUBLE is used to control the full scale
DAC channel output level as specified. For 3V operation, the property must be set to FALSE. DAC
signal range saturation will occur if operating at 3V with a property setting of TRUE. For 5V
operation the property can be set to TRUE or FALSE. This property has no effect on the full–scale
output level of the AUX and MIC analog signal channels before the output mixer.
6. Voltages referenced to ground.
7. Input impedance is a function of the mixer attenuation setting for the analog input channel. The min
value is at the +30 dB setting, the nominal value is at the 0 dB setting, and the max value is at the –32
dB setting.
8. The minimum load impedance the LOUT and ROUT output amplifiers are designed to drive.
RECOMMENDED DC OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Analog Supply Voltage,
3V Operation
VA
3.0
3.3
3.6
V
1,2
Analog Supply Voltage,
5V Operation
VA
4.5
5.0
5.5
V
1,2
Digital Supply Voltage,
3V Operation
VD
3.0
3.3
3.6
V
1,2
Digital Supply Voltage,
5V Operation
VD
4.5
5.0
5.5
V
1,2
USB I/F Supply Voltage
VB
3.0
3.3
3.6
V
2
Input Logic 0
VIL
-0.3
0.3
V
2
Input Logic 1
VIH
2.8
VD+0.3
V
2
Operating Temperature
TA
0
25
70
°C
NOTES:
1. Maximum allowable VA to VD differential is
±0.2 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com