Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS4201F Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS4201F
Description  USB Audio DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS4201F Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS4201F Datasheet HTML 1Page - Dallas Semiconductor DS4201F Datasheet HTML 2Page - Dallas Semiconductor DS4201F Datasheet HTML 3Page - Dallas Semiconductor DS4201F Datasheet HTML 4Page - Dallas Semiconductor DS4201F Datasheet HTML 5Page - Dallas Semiconductor DS4201F Datasheet HTML 6Page - Dallas Semiconductor DS4201F Datasheet HTML 7Page - Dallas Semiconductor DS4201F Datasheet HTML 8Page - Dallas Semiconductor DS4201F Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
DS4201
4 of 24
102099
USB defined descriptors are passed to the host from the DS4201; these are used to communicate what
capabilities and features are supported by the DS4201 as well as device characteristics. Contact Dallas
Semiconductor for additional device descriptor documentation.
USB DEVICE OPERATION
As shown in Figure 1 and Figure 2, within the USB Device block resides the sigma–delta D/A converter
for audio data playback, level adjustments for the D/A, microphone, and auxiliary signal paths, and
mixing of the three signal channels to a single line output channel. Organization and control of these
elements as well as the interface to the host controller in an USB Audio Device Class (ADC) framework
is shown in Figure 3. This structure provides all the capabilities for the host system to communicate with
and operate the various features within the DS4201. As shown in Figure 3, theDS4201 USB device
structure will consist of one default device configuration, one AUDIO CONTROL interface, and one
AUDIO STREAMING interface. The details of these interfaces are provided in the following para-
graphs.
OPERATIONAL BLOCK DIAGRAM Figure 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com