Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC21 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74HC21
Description  Dual 4-input AND gate
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC21 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74HC21 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC21 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC21 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC21 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC21 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC21 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC21 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC21 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC21 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Nexperia
74HC21
Dual 4-input AND gate
001aab974
&
6
1
2
4
5
&
8
9
10
12
13
Fig. 3. IEC Logic symbol
001aab976
A
B
C
D
Y
Fig. 4. Logic diagram
5. Pinning information
5.1. Pinning
1A
VCC
1B
2D
n.c.
2C
1C
n.c.
1D
2B
1Y
2A
GND
2Y
aaa-036539
1
2
3
4
5
6
7
8
10
9
12
11
14
13
D package
SOT108-1 (SO14)
1A
VCC
1B
2D
n.c.
2C
1C
n.c.
1D
2B
1Y
2A
GND
2Y
aaa-036540
1
2
3
4
5
6
7
8
10
9
12
11
14
13
PW package
SOT402-1 (TSSOP14)
5.2. Pin description
Table 2. Pin description
Symbol
Pin
Description
1A, 1B, 1C, 1D
1, 2, 4, 5
data input
n.c.
3, 11
not connected
1Y
6
data output
GND
7
ground (0 V)
2Y
8
data output
2A, 2B, 2C, 2D
9, 10, 12, 13
data input
VCC
14
supply voltage
74HC21
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
Rev. 9 — 2 May 2023
2 / 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com