Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC21 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74HC21
Description  Dual 4-input AND gate
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC21 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74HC21 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC21 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC21 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC21 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC21 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC21 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC21 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC21 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC21 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
74HC21
Dual 4-input AND gate
Rev. 9 — 2 May 2023
Product data sheet
1. General description
The 74HC21 is a dual 4-input AND gate. Inputs include clamp diodes. This enables the use of
current limiting resistors to interface inputs to voltages in excess of VCC.
2. Features and benefits
• Wide supply voltage range from 2.0 to 6.0 V
• CMOS low power dissipation
• High noise immunity
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• CMOS input levels
• Complies with JEDEC standards:
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• ESD protection:
• HBM JESD22-A114E exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C.
3. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range Name
Description
Version
74HC21D
-40 °C to +125 °C
SO14
plastic small outline package; 14 leads;
body width 3.9 mm
SOT108-1
74HC21PW
-40 °C to +125 °C
TSSOP14 plastic thin shrink small outline package; 14 leads;
body width 4.4 mm
SOT402-1
4. Functional diagram
001aab975
1A
1B
1C
1D
1
2
4
6
1Y
5
2A
2B
2C
2D
9
10
12
8
2Y
13
Fig. 1. Functional diagram
001aab973
1A
1B
1C
1D
1
2
4
6
1Y
5
2A
2B
2C
2D
9
10
12
8
2Y
13
Fig. 2. Logic symbol


Similar Part No. - 74HC21

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC21 PHILIPS-74HC21 Datasheet
33Kb / 6P
Dual 4-input AND gate
December 1990
74HC21 NXP-74HC21 Datasheet
96Kb / 14P
Dual 4-input AND gate
Rev. 05-7 May 2009
logo
Solid State Inc
74HC21 SOLIDSTATE-74HC21 Datasheet
192Kb / 11P
Dual 4-input AND gate
logo
NXP Semiconductors
74HC21D NXP-74HC21D Datasheet
96Kb / 14P
Dual 4-input AND gate
Rev. 05-7 May 2009
logo
Toshiba Semiconductor
74HC21D TOSHIBA-74HC21D Datasheet
189Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2020-11-10 Rev.3.0
More results

Similar Description - 74HC21

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4082B PHILIPS-HEF4082B Datasheet
26Kb / 3P
Dual 4-input AND gate
January 1995
logo
Toshiba Semiconductor
TC74VHC21F TOSHIBA-TC74VHC21F Datasheet
190Kb / 5P
DUAL 4-INPUT AND GATE
logo
Integral Corp.
IN74HC21A INTEGRAL-IN74HC21A Datasheet
38Kb / 5P
Dual 4-Input AND Gate
IN74ACT21 INTEGRAL-IN74ACT21 Datasheet
133Kb / 4P
DUAL 4-INPUT AND GATE
IN74HCT21A INTEGRAL-IN74HCT21A Datasheet
38Kb / 5P
Dual 4-Input AND Gate
logo
KODENSHI_AUK CORP.
KK74HC21A KODENSHI-KK74HC21A Datasheet
251Kb / 5P
Dual 4-Input AND Gate
KK74HCT21A KODENSHI-KK74HCT21A Datasheet
249Kb / 5P
Dual 4-Input AND Gate
logo
IK Semicon Co., Ltd
IN74HC21A IKSEMICON-IN74HC21A Datasheet
236Kb / 5P
Dual 4-Input AND Gate
logo
Toshiba Semiconductor
TC74VHC21F TOSHIBA-TC74VHC21F_08 Datasheet
210Kb / 9P
Dual 4-Input AND Gate
logo
Nexperia B.V. All right...
HEF4082B-Q100 NEXPERIA-HEF4082B-Q100 Datasheet
717Kb / 11P
Dual 4-input AND gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com