Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC393D Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 74HC393D
Description  Dual 4-bit binary ripple counter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC393D Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  74HC393D Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC393D Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC393D Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC393D Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC393D Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC393D Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC393D Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC393D Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC393D Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Nexperia
74HC393; 74HCT393
Dual 4-bit binary ripple counter
5. Pinning information
5.1. Pinning
74HC393
74HCT393
1CP
VCC
1MR
2CP
1Q0
2MR
1Q1
2Q0
1Q2
2Q1
1Q3
2Q2
GND
2Q3
aaa-007518
1
2
3
4
5
6
7
8
10
9
12
11
14
13
Fig. 6. Pin configuration
SOT108-1 (SO14)
74HC393
74HCT393
1CP
VCC
1MR
2CP
1Q0
2MR
1Q1
2Q0
1Q2
2Q1
1Q3
2Q2
GND
2Q3
aaa-007523
1
2
3
4
5
6
7
8
10
9
12
11
14
13
Fig. 7. Pin configuration
SOT402-1 (TSSOP14)
aaa-007521
74HC393
74HCT393
Transparent top view
1Q3
2Q2
1Q2
2Q1
1Q1
2Q0
1Q0
2MR
1MR
2CP
6
9
5
10
4
11
3
12
2
13
terminal 1
index area
VCC(1)
(1) This is not a supply pin. There
is no electrical or mechanical
requirement to solder the pad.
In case soldered, the solder
land should remain floating or
connected to VCC
Fig. 8. Pin configuration
SOT762-1 (DHVQFN14)
5.2. Pin description
Table 2. Pin description
Symbol
Pin
Description
1CP
1
clock input (HIGH-to-LOW, edge-triggered)
1MR
2
asynchronous master reset input (active HIGH)
1Q0, 1Q1, 1Q2, 1Q3
3, 4, 5, 6
flip-flop output
GND
7
ground (0 V)
2Q3, 2Q2, 2Q1, 2Q0
8, 9, 10, 11
flip-flop output
2MR
12
asynchronous master reset input (active HIGH)
2CP
13
clock input (HIGH-to-LOW, edge-triggered)
VCC
14
supply voltage
74HC_HCT393
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 8 — 22 October 2021
3 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com