Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC393D Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # 74HC393D
Description  Dual 4-bit binary ripple counter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC393D Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  74HC393D Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC393D Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC393D Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC393D Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC393D Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC393D Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC393D Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC393D Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC393D Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Nexperia
74HC393; 74HCT393
Dual 4-bit binary ripple counter
8. Recommended operating conditions
Table 5. Recommended operating conditions
Voltages are referenced to GND (ground = 0 V)
74HC393
74HCT393
Symbol Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
VCC
supply voltage
2.0
5.0
6.0
4.5
5.0
5.5
V
VI
input voltage
0
-
VCC
0
-
VCC V
VO
output voltage
0
-
VCC
0
-
VCC V
Tamb
ambient temperature
-40
+25
+125
-40
+25
+125 °C
VCC = 2.0 V
-
-
625
-
-
-
ns/V
VCC = 4.5 V
-
1.67
139
-
1.67
139
ns/V
Δt/ΔV
input transition rise and fall rate
VCC = 6.0 V
-
-
83
-
-
-
ns/V
9. Static characteristics
Table 6. Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
25 °C
-40 °C to
+85 °C
-40 °C to
+125 °C
Symbol Parameter
Conditions
Min
Typ
Max
Min
Max
Min
Max
Unit
74HC393
VCC = 2.0 V
1.5
1.2
-
1.5
-
1.5
-
V
VCC = 4.5 V
3.15
2.4
-
3.15
-
3.15
-
V
VIH
HIGH-level
input voltage
VCC = 6.0 V
4.2
3.2
-
4.2
-
4.2
-
V
VCC = 2.0 V
-
0.8
0.5
-
0.5
-
0.5
V
VCC = 4.5 V
-
2.1
1.35
-
1.35
-
1.35 V
VIL
LOW-level
input voltage
VCC = 6.0 V
-
2.8
1.8
-
1.8
-
1.8
V
VI = VIH or VIL
IO = -20 μA; VCC = 2.0 V
1.9
2.0
-
1.9
-
1.9
-
V
IO = -20 μA; VCC = 4.5 V
4.4
4.5
-
4.4
-
4.4
-
V
IO = -20 μA; VCC = 6.0 V
5.9
6.0
-
5.9
-
5.9
-
V
IO = -4.0 mA; VCC = 4.5 V
3.98
4.32
-
3.84
-
3.7
-
V
VOH
HIGH-level
output voltage
IO = -5.2 mA; VCC = 6.0 V
5.48
5.81
-
5.34
-
5.2
-
V
VI = VIH or VIL
IO = 20 μA; VCC = 2.0 V
-
0
0.1
-
0.1
-
0.1
V
IO = 20 μA; VCC = 4.5 V
-
0
0.1
-
0.1
-
0.1
V
IO = 20 μA; VCC = 6.0 V
-
0
0.1
-
0.1
-
0.1
V
IO = 4.0 mA; VCC = 4.5 V
-
0.15
0.26
-
0.33
-
0.4
V
VOL
LOW-level
output voltage
IO = 5.2 mA; VCC = 6.0 V
-
0.16
0.26
-
0.33
-
0.4
V
II
input leakage
current
VI = VCC or GND; VCC = 6.0 V
-
-
±0.1
-
±1.0
-
±1.0 μA
ICC
supply current VI = VCC or GND; IO = 0 A;
VCC = 6.0 V
-
-
8.0
-
80
-
160 μA
CI
input
capacitance
-
3.5
-
-
-
-
-
pF
74HC_HCT393
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 8 — 22 October 2021
5 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com