Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSQ976 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LSQ976
Description  Hyper CHIPLED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LSQ976 Datasheet(HTML) 1 Page - OSRAM GmbH

  LSQ976 Datasheet HTML 1Page - OSRAM GmbH LSQ976 Datasheet HTML 2Page - OSRAM GmbH LSQ976 Datasheet HTML 3Page - OSRAM GmbH LSQ976 Datasheet HTML 4Page - OSRAM GmbH LSQ976 Datasheet HTML 5Page - OSRAM GmbH LSQ976 Datasheet HTML 6Page - OSRAM GmbH LSQ976 Datasheet HTML 7Page - OSRAM GmbH LSQ976 Datasheet HTML 8Page - OSRAM GmbH LSQ976 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LS Q976, LO Q976, LY Q976
Hyper CHIPLED
Hyper-Bright LED
2001-01-22
1
Besondere Merkmale
• Gehäusetyp: 0603
• Besonderheit des Bauteils: kleinste Bauform
1,6 mm x 0,8 mm x 0,8 mm
• Wellenlänge: 632 nm (super-rot),
605 nm (orange), 587 nm (gelb)
• Abstrahlwinkel: extrem breite
Abstrahlcharakteristik (160°)
• Technologie: InGaAlP
• optischer Wirkungsgrad: 7 lm/W (super-rot),
11 lm/W (orange, gelb)
• Verarbeitungsmethode: für alle
SMT-Bestücktechniken geeignet
• Lötmethode: IR Reflow Löten
• Vorbehandlung: nach JEDEC Level 2
• Gurtung: 8 mm Gurt mit 4000/Rolle, ø180 mm
Anwendungen
• Informationsanzeigen im Außenbereich
• Flache Hinterleuchtung (LCD, Handy, Schalter,
Display)
• Signal- und Symbolleuchten
• Markierungsbeleuchtung (z.B. Stufen,
Fluchtwege, u.ä.)
Features
• package: 0603
• feature of the device: smallest package
1.6 mm x 0.8 mm x 0.8 mm
• wavelength: 632 nm (super-red),
605 nm (orange), 587 nm (yellow)
• viewing angle: extremely wide (160°)
• technology: InGaAlP
• optical efficiency: 7 lm/W (super-red),
11 lm/W (orange, yellow)
• assembly methods: suitable for all
SMT assembly methods
• soldering methods: IR reflow soldering
• preconditioning: acc. to JEDEC Level 2
• taping: 8 mm tape with 4000/reel, ø180
Applications
• outdoor displays
• flat backlighting (LCD, cellular phones,
switches, displays)
• signal and symbol luminaire
• marker lights (e.g. steps, exit ways, etc.)


Similar Part No. - LSQ976

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LSQ976-NR-1 OSRAM-LSQ976-NR-1 Datasheet
460Kb / 20P
SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LSQ976-NR-1 OSRAM-LSQ976-NR-1 Datasheet
517Kb / 19P
Information Displays
LSQ976.01 OSRAM-LSQ976.01 Datasheet
1Mb / 23P
The Chip LED 0603 is the product of choice for status indication in electronics.
Version 1.0 2023-08-29
LSQ976.01-N1Q2-1 OSRAM-LSQ976.01-N1Q2-1 Datasheet
1Mb / 23P
The Chip LED 0603 is the product of choice for status indication in electronics.
Version 1.0 2023-08-29
LSQ976 OSRAM-LSQ976_14 Datasheet
517Kb / 19P
Information Displays
More results

Similar Description - LSQ976

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LGQ971 SIEMENS-LGQ971 Datasheet
54Kb / 6P
CHIPLED
LGR971 SIEMENS-LGR971 Datasheet
52Kb / 6P
CHIPLED
LYR970 SIEMENS-LYR970 Datasheet
60Kb / 6P
CHIPLED
LYR976 SIEMENS-LYR976 Datasheet
33Kb / 6P
CHIPLED
logo
OSRAM GmbH
LOR971 OSRAM-LOR971 Datasheet
108Kb / 10P
CHIPLED
LSR976 OSRAM-LSR976 Datasheet
143Kb / 11P
Hyper CHIPLED Hyper-Bright LED
LWQ183 OSRAM-LWQ183 Datasheet
559Kb / 16P
Hyper CHIPLED Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
logo
AVAGO TECHNOLOGIES LIMI...
HSMA-C280 AVAGO-HSMA-C280 Datasheet
93Kb / 8P
Miniature ChipLED
logo
OSRAM GmbH
LOR976-PS-1 OSRAM-LOR976-PS-1 Datasheet
406Kb / 14P
Hyper CHIPLED Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LYR976-Z OSRAM-LYR976-Z Datasheet
487Kb / 14P
Hyper CHIPLED Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com