Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSQ976 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # LSQ976
Description  Hyper CHIPLED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LSQ976 Datasheet(HTML) 2 Page - OSRAM GmbH

  LSQ976 Datasheet HTML 1Page - OSRAM GmbH LSQ976 Datasheet HTML 2Page - OSRAM GmbH LSQ976 Datasheet HTML 3Page - OSRAM GmbH LSQ976 Datasheet HTML 4Page - OSRAM GmbH LSQ976 Datasheet HTML 5Page - OSRAM GmbH LSQ976 Datasheet HTML 6Page - OSRAM GmbH LSQ976 Datasheet HTML 7Page - OSRAM GmbH LSQ976 Datasheet HTML 8Page - OSRAM GmbH LSQ976 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2001-01-22
2
LS Q976, LO Q976, LY Q976
Helligkeitswerte werden mit einer Stromeinprägedauer von 25 ms und einer Genauigkeit von ±11 %
ermittelt.
Luminous intensity is tested at a current pulse duration of 25 ms and an accuracy of ±11 %.
Wellenlängengruppen für LY Q976
Wavelength groups for LY Q976
Wellenlängen werden mit einer Stromeinprägedauer von 25 ms und einer Genauigkeit von ±1,0 nm
ermittelt.
Wavelengths are tested at a current pulse duration of 25 ms and an accuracy of ±1.0 nm.
Typ
Type
Emissionsfarbe
Color of
Emission
Farbe der
Lichtaustritts-
fläche
Color of the
Light Emitting
Area
Lichtstärke
Luminous
Intensity
I
F = 20 mA
I
V (mcd)
Bestellnummer
Ordering Code
min.
typ.
LS Q976
super-red
colored diffused
18
50
Q62702-P5187
LO Q976
orange
colored diffused
28
70
Q62702-P5188
LY Q976
yellow
colored diffused
28
60
Q62702-P5186
Gruppe
Group
Wellenlänge
Wavelength
Einheit
Unit
min.
max.
3
580
584
nm
4
584
588
nm
5
588
592
nm
6
592
596
nm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com