Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LWT673-R1 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # LWT673-R1
Description  Hyper TOPLED White Hyper-Bright LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWT673-R1 Datasheet(HTML) 2 Page - OSRAM GmbH

  LWT673-R1 Datasheet HTML 1Page - OSRAM GmbH LWT673-R1 Datasheet HTML 2Page - OSRAM GmbH LWT673-R1 Datasheet HTML 3Page - OSRAM GmbH LWT673-R1 Datasheet HTML 4Page - OSRAM GmbH LWT673-R1 Datasheet HTML 5Page - OSRAM GmbH LWT673-R1 Datasheet HTML 6Page - OSRAM GmbH LWT673-R1 Datasheet HTML 7Page - OSRAM GmbH LWT673-R1 Datasheet HTML 8Page - OSRAM GmbH LWT673-R1 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2001-01-30
2
LW T673
Helligkeitswerte werden mit einer Stromeinprägedauer von 25 ms und einer Genauigkeit von ±11 %
ermittelt.
Luminous intensity is tested at a current pulse duration of 25 ms and an accuracy of ±11 %.
-1 Farbselektiert nach Farbortgruppen (siehe Seite 5).
-1 Color selection acc. to Chromaticity coordinate groups (see page 5).
Typ
Type
Emissions-
farbe
Color of
Emission
Farbe der
Lichtaustritts-
fläche
Color of the
Light Emitting
Area
Lichtstärke
Luminous
Intensity
I
F =20 mA
I
V (mcd)
Lichtstrom
Luminous
Flux
I
F =20 mA
F
V (mlm)
Bestellnummer
Ordering Code
LW T673-Q2R2-1
LW T673-R2S2-1
LW T673-Q2
LW T673-R1
LW T673-R2
LW T673-S1
LW T673-S2
white
colored
diffused
90 ... 180
140 ... 280
90 ... 112
112 ... 140
140 ... 180
180 ... 224
224 ... 280
405 (typ.)
630 (typ.)
303 (typ.)
378 (typ.)
480 (typ.)
606 (typ.)
756 (typ.)
Q62703-Q4836
Q62703-Q4686



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com