Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2688 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # 2SC2688
Description  TO-126 Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2SC2688 Datasheet(HTML) 2 Page - Nanjing International Group Co

  2SC2688 Datasheet HTML 1Page - Nanjing International Group Co 2SC2688 Datasheet HTML 2Page - Nanjing International Group Co 2SC2688 Datasheet HTML 3Page - Nanjing International Group Co 2SC2688 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Parameter
Symbol
Test
conditions
M
in
T
yp
M
ax
Unit
Collector-base breakdown voltage
V(BR)CBO
IC =
100µA,IE=0
300
V
Collector-emitter breakdown voltage
V(BR)CEO
IC =
1mA,IB=0
300
V
Emitter-base breakdown voltage
V(BR)EBO
IE=
100µA ,IC=0
5
V
Collector cut-off current
ICBO
VCB=
200V,IE=0
0.1
µA
Emitter cut-off current
IEBO
VEB=
5V,IC=0
0.1
µA
DC current gain
hFE
VCE=
10V,IC=10mA
40
250
Collector-emitter saturation voltage
VCE(sat)
IC=
50mA,IB=5mA
0.5
V
Transition frequency
fT
VCE=
30V,IC=10mA
50
MHz
CLASSIFICATION OF
hFE
Rank
N
M
L
K
Range
40-80
60-120
100-200
160-250
(/(&75,&$/&+$5$&7(5,67,&6
a
T =25
unless otherwise specified
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com