Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2688 Datasheet(PDF) 3 Page - Nanjing International Group Co

Part # 2SC2688
Description  TO-126 Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2SC2688 Datasheet(HTML) 3 Page - Nanjing International Group Co

  2SC2688 Datasheet HTML 1Page - Nanjing International Group Co 2SC2688 Datasheet HTML 2Page - Nanjing International Group Co 2SC2688 Datasheet HTML 3Page - Nanjing International Group Co 2SC2688 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0.1
1
10
1
10
100
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1
10
100
0
25
50
75
100
125
150
0
250
500
750
1000
1250
1500
110
100
0
200
400
600
800
1000
1200
110
100
0
200
400
600
800
1000
1200
1400
110
100
1
10
100
1000
012
3456
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
0.11
0.12
REVERSE VOLTAGE
V
(V)
C
ob
C
ib
f=1MHz
I
E
=0/I
C
=0
T
a
=25℃
V
CB
/ V
EB
C
ob
/ C
ib
——
30
BASE-EMMITER VOLTAGE
V
BE
(mV)
I
C
V
BE
COMMON EMITTER
V
CE
=10V
AMBIENT TEMPERATURE
T
a
(
)
℃
P
C
——
T
a
——
COLLECTOR CURRENT
I
C
(mA)
β=10
T
a
=100℃
T
a
=25℃
I
C
V
BEsat
——
COLLECTOR CURRENT
I
C
(mA)
I
C
V
CEsat
——
T
a
=100℃
T
a
=25℃
β=10
200
200
COLLECTOR CURRENT
I
C
(mA)
COMMON EMITTER
V
CE
=10V
T
a
=25℃
T
a
=100℃
I
C
h
FE
——
6.0mA
5.4mA
4.8mA
4.2mA
3.6mA
3.0mA
2.4mA
1.8mA
1.2mA
I
B
=0.6mA
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
COMMON
EMITTER
T
a
=25℃
Static Characteristic
Typical Characteristics
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
3/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com