Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTVA107001EC-V1-R2 Datasheet(PDF) 7 Page - WOLFSPEED, INC.

Part # GTVA107001EC-V1-R2
Description  High Power RF GaN on SiC HEMT 700 W, 50 V, DC - 1.4 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTVA107001EC-V1-R2 Datasheet(HTML) 7 Page - WOLFSPEED, INC.

  GTVA107001EC-V1-R2 Datasheet HTML 1Page - WOLFSPEED, INC. GTVA107001EC-V1-R2 Datasheet HTML 2Page - WOLFSPEED, INC. GTVA107001EC-V1-R2 Datasheet HTML 3Page - WOLFSPEED, INC. GTVA107001EC-V1-R2 Datasheet HTML 4Page - WOLFSPEED, INC. GTVA107001EC-V1-R2 Datasheet HTML 5Page - WOLFSPEED, INC. GTVA107001EC-V1-R2 Datasheet HTML 6Page - WOLFSPEED, INC. GTVA107001EC-V1-R2 Datasheet HTML 7Page - WOLFSPEED, INC. GTVA107001EC-V1-R2 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
GTVA107001EC/FC
Rev. 3.1, 2021-10-14
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
7
Package Outline Specifications
Package H-37248-2
[.190±0.020]
D
G
FLANGE 9.779
[.385]
2X 12.700
[.500]
4.826±0.510
LID 9.398 +0.100
-0.150
[.370
+0.004
-0.006 ]
19.431±0.510
[.765±0.020]
45° X 2.720
[45° X .107]
CL
CL
4X R0.508 +.381
-.127
[ R.020
+0.015
-0.005 ]
H-37248-2_po_10-04-2012
S
1.016
[.040]
SPH 1.575
[.062]
19.812±0.200
[.780±0.008]
20.574
[.810]
3.632±0.380
[.143±0.015]
CL
Diagram Notes—unless otherwise specified:
1. Interpret dimensions and tolerances per ASME Y14.5M-1994.
2. Primary dimensions are mm. Alternate dimensions are inches.
3. All tolerances ± 0.127 [.005] unless specified otherwise.
4. Pins: D – drain; G – gate; S – source.
5. Lead thickness: 0.10 + 0.051/-0.025 mm [.004 +0.002/-0.001 inch].
6. Gold plating thickness: 1.14 ± 0.38 micron [45 ± 15 microinch].



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com