Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTVA107001EC-V1-R2 Datasheet(PDF) 8 Page - WOLFSPEED, INC.

Part # GTVA107001EC-V1-R2
Description  High Power RF GaN on SiC HEMT 700 W, 50 V, DC - 1.4 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTVA107001EC-V1-R2 Datasheet(HTML) 8 Page - WOLFSPEED, INC.

  GTVA107001EC-V1-R2 Datasheet HTML 1Page - WOLFSPEED, INC. GTVA107001EC-V1-R2 Datasheet HTML 2Page - WOLFSPEED, INC. GTVA107001EC-V1-R2 Datasheet HTML 3Page - WOLFSPEED, INC. GTVA107001EC-V1-R2 Datasheet HTML 4Page - WOLFSPEED, INC. GTVA107001EC-V1-R2 Datasheet HTML 5Page - WOLFSPEED, INC. GTVA107001EC-V1-R2 Datasheet HTML 6Page - WOLFSPEED, INC. GTVA107001EC-V1-R2 Datasheet HTML 7Page - WOLFSPEED, INC. GTVA107001EC-V1-R2 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
www.wolfspeed.com
Rev. 03.1, 2021-10-14
8
GTVA107001EC/FC
Notes
Disclaimer
Specifications are subject to change without notice. Cree, Inc. believes the information contained within this data sheet
to be accurate and reliable. However, no responsibility is assumed by Cree for any infringement of patents or other rights
of third parties which may result from its use. No license is granted by implication or otherwise under any patent or pat-
ent rights of Cree. Cree makes no warranty, representation or guarantee regarding the suitability of its products for any
particular purpose. “Typical” parameters are the average values expected by Cree in large quantities and are provided for
information purposes only. These values can and do vary in different applications and actual performance can vary over
time. All operating parameters should be validated by customer’s technical experts for each application. Cree products
are not designed, intended or authorized for use as components in applications intended for surgical implant into the
body or to support or sustain life, in applications in which the failure of the Cree product could result in personal injury or
death or in applications for planning, construction, maintenance or direct operation of a nuclear facility.
Copyright © 2016 – 2021 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Wolfspeed™ and the Wolfspeed logo are trademarks of Cree, Inc.
For more information, please contact:
4600 Silicon Drive
Durham, North Carolina, USA 27703
www.wolfspeed.com/RF
Sales Contact
RFSales@wolfspeed.com
RF Product Marketing Contact
RFMarketing@wolfspeed.com
919.407.7816
Revision History
Revision
Date
Data Sheet
Type
Page
Subjects (major changes at each revision)
01
2016-09-27
Advance
All
Data Sheet reflects advance specification for product development
02
2018-05-21
Preliminary
All
Data Sheet shows typical performance information and reference circuit
02.1
2018-07-19
Production
All
1, 3
4
Data Sheet reflects released product specification
Updated Typ pulsed CW performance, added Mode S graph
Added loadpull information, added C215 to reference circuit and component list
02.2
2018-10-02
Production
2
Updated thermal characteristics
03
2019-02-15
Production
All
Add product GTVA107001FC V1
3.1
2021-10-14
Production
1
Removed "thermally-enchanced" wording



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com