Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTVA261802FC-V1-R2 Datasheet(PDF) 4 Page - WOLFSPEED, INC.

Part # GTVA261802FC-V1-R2
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 170 W, 48 V, 2620 – 2690 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTVA261802FC-V1-R2 Datasheet(HTML) 4 Page - WOLFSPEED, INC.

  GTVA261802FC-V1-R2 Datasheet HTML 1Page - WOLFSPEED, INC. GTVA261802FC-V1-R2 Datasheet HTML 2Page - WOLFSPEED, INC. GTVA261802FC-V1-R2 Datasheet HTML 3Page - WOLFSPEED, INC. GTVA261802FC-V1-R2 Datasheet HTML 4Page - WOLFSPEED, INC. GTVA261802FC-V1-R2 Datasheet HTML 5Page - WOLFSPEED, INC. GTVA261802FC-V1-R2 Datasheet HTML 6Page - WOLFSPEED, INC. GTVA261802FC-V1-R2 Datasheet HTML 7Page - WOLFSPEED, INC. GTVA261802FC-V1-R2 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
GTVA261802FC
4
Rev. 02.1, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Typical Performance (cont.)
Figure 5. CW Performance at various V
DD
Figure 6. CW Performance Small Signal
Gain & Input Return Loss
0
10
20
30
40
50
60
70
13
14
15
16
17
18
19
20
29
33
37
41
45
49
53
Output Power (dBm)
CW Performance at various VDD
IDQ(MAIN) = 160 mA, ƒ = 2690 MHz
44V Gain
48V Gain
52V Gain
44V Eff
48V Eff
52V Eff
gtva261802fc_g6
-18
-16
-14
-12
-10
12
14
16
18
20
2550
2600
2650
2700
2750
Frequency (MHz)
CW Performance Small Signal
Gain & Input Return Loss
VDD = 48 V, IDQ(MAIN) = 160 mA
IRL
Gain
gtva261802fc_g7
0
10
20
30
40
50
60
70
13
14
15
16
17
18
19
20
29
33
37
41
45
49
53
Output Power (dBm)
CW Performance at various VDD
IDQ(MAIN) = 160 mA, ƒ = 2690 MHz
44V Gain
48V Gain
52V Gain
44V Eff
48V Eff
52V Eff
gtva261802fc_g6
-18
-16
-14
-12
-10
12
14
16
18
20
2550
2600
2650
2700
2750
Frequency (MHz)
CW Performance Small Signal
Gain & Input Return Loss
VDD = 48 V, IDQ(MAIN) = 160 mA
IRL
Gain
gtva261802fc_g7
Load Pull Performance
Each Side Load Pull Performance – Pulsed CW signal: 10 µs, 10% duty cycle, 48 V, I
DQ = 80 mA, class AB
Peak Side Load Pull Performance – Pulsed CW signal: 10 µs, 10% duty cycle, 48 V, I
DQ = 80 mA, class AB
P
3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs [W]
Zl [W]
Gain
[dB]
P
3dB
[dBm]
P
3dB [W]
hD [%]
Zl [W]
Gain
[dB]
P
3dB
[dBm]
P
3dB [W]
hD [%]
2620
32.6-j23.3
7.02-j0.46
16
50.35
108.4
69.2
3.6+j1.73
16.4
48.60
72.4
77.7
2690
41.87-j10.33 5.38-j0.83
15.9
50.21
105
65.1
5.38-j0.83
15.8
48.60
72.4
77.6
P
3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs [W]
Zl [W]
Gain
[dB]
P
3dB
[dBm]
P
3dB [W]
hD [%]
Zl [W]
Gain
[dB]
P
3dB
[dBm]
P
3dB [W]
hD [%]
2620
32.6-j23.3
7.02-j0.46
16
50.35
108.4
69.2
3.6+j1.73
16.4
48.60
72.4
77.7
2690
41.87-j10.33 5.38-j0.83
15.9
50.21
105
65.1
5.38-j0.83
15.8
48.60
72.4
77.6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com