Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTVA261802FC-V1-R2 Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # GTVA261802FC-V1-R2
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 170 W, 48 V, 2620 – 2690 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTVA261802FC-V1-R2 Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  GTVA261802FC-V1-R2 Datasheet HTML 1Page - WOLFSPEED, INC. GTVA261802FC-V1-R2 Datasheet HTML 2Page - WOLFSPEED, INC. GTVA261802FC-V1-R2 Datasheet HTML 3Page - WOLFSPEED, INC. GTVA261802FC-V1-R2 Datasheet HTML 4Page - WOLFSPEED, INC. GTVA261802FC-V1-R2 Datasheet HTML 5Page - WOLFSPEED, INC. GTVA261802FC-V1-R2 Datasheet HTML 6Page - WOLFSPEED, INC. GTVA261802FC-V1-R2 Datasheet HTML 7Page - WOLFSPEED, INC. GTVA261802FC-V1-R2 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
GTVA261802FC
5
Rev. 02.1, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
C 211
C 212
C 206
C 210
R 201
C 202
U2
C 203
C 204
C 201
C 205
C 207
C 208
C 209
R 101
C 103
C 101
C 105
R 103
C 102
C 106
C 104
R 102
GTVA 261802 FC _IN_01
RF _IN
RF _OUT
VDD
gt v a26 180 2 f c_C D_08 - 16 - 20 18
RO 4350 , 20 MIL
GTVA 261802 FC _OUT _01
RO 4350 , 20 MIL
C 213
C 214
U1
VDD
VGS (MAIN )
VGS (PEAK )
Reference circuit assembly diagram (not to scale)
Evaluation Board, 2620 – 2690 MHz
Evaluation Board Part Number
LTN/GTVA261802FC-V1
PCB Information
Rogers 4350, 0.508 mm [0.020”] thick, 2 oz. copper, ε
r = 3.66, ƒ = 2620 – 2690 MHz
Find Gerber files for this test fixture on the Wolfspeed Web site at www.wolfspeed.com/RF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com