Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC554 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # 2SC554
Description  SOT-89-3L Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2SC554 Datasheet(HTML) 2 Page - Nanjing International Group Co

  2SC554 Datasheet HTML 1Page - Nanjing International Group Co 2SC554 Datasheet HTML 2Page - Nanjing International Group Co 2SC554 Datasheet HTML 3Page - Nanjing International Group Co 2SC554 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1
10
100
1000
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
0.2
0.4
0.6
0.8
1.0
1
10
100
1000
0.1
1
10
10
100
1
10
100
1000
50
100
150
200
250
300
0
25
50
75
100
125
150
0.0
0.2
0.4
0.6
0
1
2
3
4
5
0.00
0.05
0.10
0.15
0.20
0.25
100
1000
20
40
60
80
100
120
140
160
180
200
β=20
T
a=25
T
a=100
2000
COLLECTOR CURRENT I
C
(mA)
T
a=25
T
a=100
β=20
I
C
V
BEsat
——
V
CE=3V
T
a=25
T
a=100
oC
BASE-EMITTER VOLTAGE
V
BE(V)
V
BE
——
I
C
800
20
2000
f=1MHz
I
E=0 / IC=0
T
a=25
oC
Cob
Cib
V
CB /
V
EB
C
ob
/ C
ib
——
REVERSE VOLTAGE V (V)
2000
COLLECTOR CURRENT I
C
(mA)
T
a=25
oC
T
a=100
oC
V
CE=3V
I
C
h
FE
——
AMBIENT TEMPERATURE Ta ( )
P
c
——
T
a
0.2mA
COMMON
EMITTER
T
a=25
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
0.3mA
0.4mA
0.9mA
0.8mA
0.5mA
1mA
0.7mA
0.6mA
I
B=0.1mA
Static Characteristic
2000
COLLECTOR CURRENT I
C
(mA)
V
CEsat
——
I
C
10
Typical Characteristics
Dongguan Nanjing Electronics Ltd.
2/4
www.dgnjdz.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com