Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC554 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # 2SC554
Description  SOT-89-3L Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2SC554 Datasheet(HTML) 1 Page - Nanjing International Group Co

  2SC554 Datasheet HTML 1Page - Nanjing International Group Co 2SC554 Datasheet HTML 2Page - Nanjing International Group Co 2SC554 Datasheet HTML 3Page - Nanjing International Group Co 2SC554 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SOT-89-3L
1. BASE
2. COLLECTOR
3. EMITTER
2SC554
TRANSISTOR (NPN)
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
T est conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=0.1mA,IE=0
100
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA,IB=0
100
V
Emitter-base breakdown voltage
V(BR)EBO
IE=0.1mA,IC=0
6
V
Collector cut-off current
ICBO
VCB=100V,IE=0
1
µA
Emitter cut-off current
IEBO
VEB=4V,IC=0
1
µA
DC current gain
hFE
VCE=3V, IC=100mA
82
270
Collector-emitter saturation voltage
VCE(sat)
IC=500mA,IB=25mA
0.2
V
Transition frequency
fT
VCE=5V,IC=100mA
30
MHz
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
16
pF
Symbol Para
meter
Value
Unit
VCBO
Collector-Base Voltage
100
V
VCEO
Collector-Emitter Voltage
100
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current
2
A
PC
Collector Power Dissipation
500
mW
RθJA
Thermal Resistance From Junction To Ambient
250
℃/W
TJ,Tstg
Operation Junction and
Storage Temperature Range
-55 ~ +150
℃
FEATURES
Low Saturation Voltage
High Speed Switching
MARKING: C554
C=1A,IB=50mA
0.3
V
I
Equivalent Circuit
C554
SOT-89-3L Plastic-Encapsulate Transistors
DONGGUAN NANJING ELECTRONICS LTD.,
Dongguan Nanjing Electronics Ltd.
1/4
www.dgnjdz.com


Similar Part No. - 2SC554

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
2SC554 JIANGSU-2SC554 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
2SC554 SECOS-2SC554 Datasheet
224Kb / 2P
NPN Plastic Encapsulated Transistor
2SC554-C SECOS-2SC554-C Datasheet
224Kb / 2P
NPN Plastic Encapsulated Transistor
logo
Sanyo Semicon Device
2SC5540 SANYO-2SC5540 Datasheet
30Kb / 3P
UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5541 SANYO-2SC5541 Datasheet
44Kb / 5P
UHF to S Band Low-Noise Amplifier Applications
More results

Similar Description - 2SC554

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
2SC4375 DGNJDZ-2SC4375 Datasheet
228Kb / 1P
SOT-89-3L Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB1386 JIANGSU-2SB1386 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
2SB1424 JIANGSU-2SB1424 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
2SC2881 JIANGSU-2SC2881 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
logo
Nanjing International G...
STC4350 DGNJDZ-STC4350 Datasheet
1Mb / 6P
SOT-89-3L Plastic-Encapsulate Transistors
NJ13001 DGNJDZ-NJ13001 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
2SB1386 DGNJDZ-2SB1386_V01 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
2SD965 DGNJDZ-2SD965_V01 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
D882 DGNJDZ-D882_V01 Datasheet
541Kb / 2P
SOT-89-3L Plastic-Encapsulate Transistors
PXT2222A DGNJDZ-PXT2222A_V01 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com