Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AVC2T45GS Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 74AVC2T45GS
Description  Dual-bit, dual-supply voltage level translator/transceiver; 3-state
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AVC2T45GS Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74AVC2T45GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AVC2T45GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AVC2T45GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AVC2T45GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AVC2T45GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AVC2T45GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AVC2T45GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74AVC2T45GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74AVC2T45GS Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Nexperia
74AVC2T45
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Max
Min
Max
Unit
VI = VIH or VIL
[2]
IO = -100 μA;
VCC(A) = VCC(B) = 0.8 V to 3.6 V
VCCO - 0.1
-
VCCO - 0.1
-
V
IO = -3 mA; VCC(A) = VCC(B) = 1.1 V
0.85
-
0.85
-
V
IO = -6 mA; VCC(A) = VCC(B) = 1.4 V
1.05
-
1.05
-
V
IO = -8 mA; VCC(A) = VCC(B) = 1.65 V
1.2
-
1.2
-
V
IO = -9 mA; VCC(A) = VCC(B) = 2.3 V
1.75
-
1.75
-
V
VOH
HIGH-level
output voltage
IO = -12 mA; VCC(A) = VCC(B) = 3.0 V
2.3
-
2.3
-
V
VI = VIH or VIL
IO = 100 μA;
VCC(A) = VCC(B) = 0.8 V to 3.6 V
-
0.1
-
0.1
V
IO = 3 mA; VCC(A) = VCC(B) = 1.1 V
-
0.25
-
0.25
V
IO = 6 mA; VCC(A) = VCC(B) = 1.4 V
-
0.35
-
0.35
V
IO = 8 mA; VCC(A) = VCC(B) = 1.65 V
-
0.45
-
0.45
V
IO = 9 mA; VCC(A) = VCC(B) = 2.3 V
-
0.55
-
0.55
V
VOL
LOW-level
output voltage
IO = 12 mA; VCC(A) = VCC(B) = 3.0 V
-
0.7
-
0.7
V
II
input leakage
current
DIR input; VI = 0 V or 3.6 V;
VCC(A) = VCC(B) = 0.8 V to 3.6 V
-
±1
-
±1.5
μA
IOZ
OFF-state
output current
A or B port; VO = 0 V or VCCO;
VCC(A) = VCC(B) = 3.6 V
[2][3]
-
±5
-
±7.5
μA
A port; VI or VO = 0 V to 3.6 V;
VCC(A) = 0 V; VCC(B) = 0.8 V to 3.6 V
-
±5
-
±35
μA
IOFF
power-off
leakage
current
B port; VI or VO = 0 V to 3.6 V;
VCC(B) = 0 V; VCC(A) = 0.8 V to 3.6 V
-
±5
-
±35
μA
A port; VI = 0 V or VCCI; IO = 0 A
[1]
VCC(A) = 0.8 V to 3.6 V;
VCC(B) = 0.8 V to 3.6 V
-
8
-
11.5
μA
VCC(A) = 3.6 V; VCC(B) = 0 V
-
8
-
11.5
μA
VCC(A) = 0 V; VCC(B) = 3.6 V
-2
-
-8
-
μA
B port; VI = 0 V or VCCI; IO = 0 A
[1]
VCC(A) = 0.8 V to 3.6 V;
VCC(B) = 0.8 V to 3.6 V
-
8
-
11.5
μA
VCC(A) = 3.6 V; VCC(B) = 0 V
-2
-
-8
-
μA
VCC(A) = 0 V; VCC(B) = 3.6 V
-
8
-
11.5
μA
ICC
supply current
A plus B port (ICC(A) + ICC(B));
IO = 0 A; VI = 0 V or VCCI;
VCC(A) = 0.8 V to 3.6 V;
VCC(B) = 0.8 V to 3.6 V
[1]
-
16
-
23
μA
[1] VCCI is the supply voltage associated with the data input port.
[2] VCCO is the supply voltage associated with the output port.
[3] For I/O ports, the parameter IOZ includes the input leakage current.
74AVC2T45
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 10 — 4 November 2021
7 / 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com