Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AVC2T45GS Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # 74AVC2T45GS
Description  Dual-bit, dual-supply voltage level translator/transceiver; 3-state
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AVC2T45GS Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button 74AVC2T45GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74AVC2T45GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74AVC2T45GS Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74AVC2T45GS Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74AVC2T45GS Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74AVC2T45GS Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74AVC2T45GS Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74AVC2T45GS Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74AVC2T45GS Datasheet HTML 17Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Nexperia
74AVC2T45
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
12. Application information
12.1. Unidirectional logic level-shifting application
The circuit given in Fig. 9 is an example of the 74AVC2T45 being used in an unidirectional logic
level-shifting application.
74AVC2T45
VCC(A)
VCC1
VCC1
VCC1
VCC2
VCC(B)
1A
system-1
1B
2A
2B
GND
DIR
001aag581
1
2
3
4
6
5
8
7
system-2
VCC2
VCC2
Fig. 9. Unidirectional logic level-shifting application
Table 16. Unidirectional logic level-shifting application
Pin
Name
Function
Description
1
VCC(A)
VCC1
supply voltage of system-1 (0.8 V to 3.6 V)
2
1A
OUT1
output level depends on VCC1 voltage
3
2A
OUT2
output level depends on VCC1 voltage
4
GND
GND
device GND
5
DIR
DIR
the GND (LOW level) determines B port to A port direction
6
2B
IN2
input threshold value depends on VCC2 voltage
7
1B
IN1
input threshold value depends on VCC2 voltage
8
VCC(B)
VCC2
supply voltage of system-2 (0.8 V to 3.6 V)
74AVC2T45
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 10 — 4 November 2021
13 / 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com