Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTRA094858NF-V1-R5 Datasheet(PDF) 6 Page - WOLFSPEED, INC.

Part # PTRA094858NF-V1-R5
Description  Thermally-Enhanced High Power RF LDMOS FET 400 W, 48 V, 859 – 960 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTRA094858NF-V1-R5 Datasheet(HTML) 6 Page - WOLFSPEED, INC.

  PTRA094858NF-V1-R5 Datasheet HTML 1Page - WOLFSPEED, INC. PTRA094858NF-V1-R5 Datasheet HTML 2Page - WOLFSPEED, INC. PTRA094858NF-V1-R5 Datasheet HTML 3Page - WOLFSPEED, INC. PTRA094858NF-V1-R5 Datasheet HTML 4Page - WOLFSPEED, INC. PTRA094858NF-V1-R5 Datasheet HTML 5Page - WOLFSPEED, INC. PTRA094858NF-V1-R5 Datasheet HTML 6Page - WOLFSPEED, INC. PTRA094858NF-V1-R5 Datasheet HTML 7Page - WOLFSPEED, INC. PTRA094858NF-V1-R5 Datasheet HTML 8Page - WOLFSPEED, INC. PTRA094858NF-V1-R5 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
PTRA094858NF
Rev. 04, 2023-06-28
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
6
Reference Circuit, 865 – 895 MHz
Reference circuit assembly diagram (not to scale)
R103
R104
C113
C102
C107
C106
C101
C109
C108
R102
C111
C112
R101
C105
C104
R105
U1
C103
C110
C210
C211
C209
C212
C213
C214
C203
C207
C206
C205
C208
C202
C201
C204
PTRA094858NF_IN_01
RF_IN
RF_OUT
VDD
VGS(MAIN)
Pt r a 094 858 nf _C D_0 2- 04 - 20 19
RO4360,
24 MIL
(285)
PTRA094858NF_OUT_01
RO4360, 24 MIL (285)
VDD
R103
R104
C113
C102
C107
C106
C101
C109
C108
R102
C111
C112
R101
C105
C104
R105
U1
C103
C110
C210
C211
C209
C212
C213
C214
C203
C207
C206
C205
C208
C202
C201
C204
PTRA094858NF_IN_01
RF_IN
RF_OUT
VDD
VGS(MAIN)
Pt r a 094 858 nf _C D_0 2- 04 - 20 19
RO4360,
24 MIL
(285)
PTRA094858NF_OUT_01
RO4360, 24 MIL (285)
VDD
VGS(PEAK)
R103
R104
C113
C102
C107
C106
C101
C109
C108
R102
C111
C112
R101
C105
C104
R105
U1
C103
C110
C210
C211
C209
C212
C213
C214
C203
C207
C206
C205
C208
C202
C201
C204
PTRA094858NF_IN_01
RF_IN
RF_OUT
VDD
VGS(MAIN)
Pt r a 094 858 nf _C D_0 2- 04 - 20 19
RO4360,
24 MIL
(285)
PTRA094858NF_OUT_01
RO4360, 24 MIL (285)
VDD
VGS(PEAK)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com