Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTRA094858NF-V1-R5 Datasheet(PDF) 7 Page - WOLFSPEED, INC.

Part # PTRA094858NF-V1-R5
Description  Thermally-Enhanced High Power RF LDMOS FET 400 W, 48 V, 859 – 960 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTRA094858NF-V1-R5 Datasheet(HTML) 7 Page - WOLFSPEED, INC.

  PTRA094858NF-V1-R5 Datasheet HTML 1Page - WOLFSPEED, INC. PTRA094858NF-V1-R5 Datasheet HTML 2Page - WOLFSPEED, INC. PTRA094858NF-V1-R5 Datasheet HTML 3Page - WOLFSPEED, INC. PTRA094858NF-V1-R5 Datasheet HTML 4Page - WOLFSPEED, INC. PTRA094858NF-V1-R5 Datasheet HTML 5Page - WOLFSPEED, INC. PTRA094858NF-V1-R5 Datasheet HTML 6Page - WOLFSPEED, INC. PTRA094858NF-V1-R5 Datasheet HTML 7Page - WOLFSPEED, INC. PTRA094858NF-V1-R5 Datasheet HTML 8Page - WOLFSPEED, INC. PTRA094858NF-V1-R5 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
PTRA094858NF
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
7
Reference Circuit Assembly
DUT
PTRA094858NF V1
Test Fixture Part No.
LTA/PTRA094858NF-V1
PCB
Rogers 4360, 0.024” thick, 2 oz. copper, εr = 6.4, ƒ = 865 – 895 MHz
Find Gerber files for this test fixture on the Wolfspeed Web site at www.wolfspeed.com/RF
Components Information
Component
Description
Manufacturer
P/N
Input
C101, C108
Capacitor, 6.8 pF
ATC
ATC600F6R8CT250XT
C102
Capacitor, 2.7 pF
ATC
ATC600F2R7CT250XT
C103, C105
Capacitor, 1.8 pF
ATC
ATC600F1R8CT250XT
C104, C109
Capacitor, 33 pF
ATC
ATC600F330JT250XT
C106, C111
Capacitor, 68 pF
ATC
ATC600F680JT250XT
C107, C112, C113
Capacitor, 10 µF, 50 V
Murata Electronics North America
GRM31CR61H106KA12K
C110
Capacitor, 3 pF
ATC
ATC600F3R0CT250XT
R101, R102
Resistor, 5.6 ohms
Panasonic Electronic Components
ERJ-8RQJ5R6V
R103, R104
Resistor, 1000 ohms
Panasonic Electronic Components
ERJ-8GEYJ102V
R105
Resistor, 50 ohms
Richardson
C16A50Z4
U1
Hybrid Coupler
RN2 Tech
RN2 CMX09Q02
Output
C201, C209
Capacitor, 10 µF, 100 V
TDK Corporation
C5750X7S2A106M230KB
C202
Capacitor, 10 pF
ATC
ATC600F100JT250XT
C203
Capacitor, 3.3 pF
ATC
ATC600F3R3CT250XT
C204
Capacitor, 20 pF
ATC
ATC100B200KW500XT
C205
Capacitor, 68 pF
ATC
ATC600F680JT250XT
C206, C207, C208, C213, C214 Capacitor, 10 µF, 100 V
TDK Corporation
C5750X7S2A106M230KB
C210, C212
Capacitor, 47 pF
ATC
ATC600F470JT250XT
C211
Capacitor, 15 pF
ATC
ATC600F150JT250XT
Pinout Diagram (top view)
Lead connections for PTRA094858NF
Pin
Description
D1
Drain Device 1 (Main)
D2
Drain Device 2 (Peak)
G1
Gate Device 1(Main)
G2
Gate Device 2 (Peak)
S
Source (flange)
V1, V2
Drain video decoupling, no DC Bias
Main
Peak
V1
V2
G1
G2
D2
D1
Rev. 04, 2023-06-28



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com